Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ACQ373 Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce 74ACQ373
Description  Quiet Series™ Octal Transparent Latch with 3-STATE Outputs
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ373 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACQ373 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 2Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 3Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 4Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 5Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 6Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 7Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 8Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
April 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ373, 74ACTQ373 Rev. 1.3
74ACQ373, 74ACTQ373
Quiet Series™ Octal Transparent Latch with 3-STATE
Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch up immunity
Eight latches in a single package
3-STATE outputs drive bus lines or buffer memory
address registers
Outputs source/sink 24mA
Faster prop delays than the standard AC/ACT373
General Description
The ACQ/ACTQ373 consists of eight latches with
3-STATE outputs for bus organized system applications.
The latches appear transparent to the data when Latch
Enable (LE) is HIGH. When LE is LOW, the data satisfy-
ing the input timing requirements is latched. Data
appears on the bus when the Output Enable (OE) is
LOW. When OE is HIGH, the bus output is in the HIGH
impedance state.
The ACQ/ACTQ373 utilizes Fairchild Quiet Series™
technology to guarantee quiet output switching and
improve
dynamic
threshold
performance.
features
GTO™ output control and undershoot corrector in addi-
tion to a split ground bus for superior performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Order
Number
Package
Number
Package Description
74ACQ373SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACQ373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ373SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACQT373QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
Output Enable Input
O0–O7
3-STATE Latch Outputs
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13