Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ACQ240SC Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce 74ACQ240SC
Description  Quiet Series™ Octal Buffer/Line Driver with 3-STATE Outputs
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ240SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACQ240SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 2Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 3Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 4Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 5Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 6Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 7Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 8Page - Fairchild Semiconductor 74ACQ240SC Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
March 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ240, 74ACTQ240 Rev. 1.6
74ACQ240, 74ACTQ240
Quiet Series™ Octal Buffer/Line Driver with 3-STATE
Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch-up immunity
Inverting 3-STATE outputs drive bus lines or buffer
memory address registers
Outputs source/sink 24mA
Faster prop delays than the standard ACT240
General Description
The ACQ/ACTQ240 is an inverting octal buffer and line
driver designed to be employed as a memory address
driver, clock driver and bus oriented transmitter or
receiver which provides improved PC board density. The
ACQ/ACTQ utilizes Fairchild's Quiet Series™ technol-
ogy to guarantee quiet output switching and improve
dynamic threshold performance. FACT Quiet Series™
features GTO™ output control and undershoot corrector
in addition to a split ground bus for superior perfor-
mance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Order Number
Package
Number
Package Description
74ACQ240SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACQ240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ240SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACTQ240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ240QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0–I7
Inputs
O0–O7
Outputs
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn