Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DS323B120EE Fiches technique(PDF) 3 Page - SPANSION |
|
AM29DS323B120EE Fiches technique(HTML) 3 Page - SPANSION |
3 / 52 page 2 Am29DS32xG May 15, 2002 ADV ANC E INFO RMAT ION GENERAL DESCRIPTION The Am29DS32xG family consists of 32 megabit, 1.8 volt-only flas h me mory dev ices, or ganiz ed as 2,097,152 words of 16 bits each or 4,194,304 bytes of 8 bits each. Word mode data appears on DQ15–DQ0; byte mode data appears on DQ7–DQ0. The device is designed to be programmed in-system with the stan- dard 1.8 volt V CC supply, and can also be programmed in standard EPROM programmers. The devices are available with an access time of 60, 70, 90, or 120 ns. (An 80 ns speed option at the stan- dard voltage range is also available. Contact AMD or an AMD representative for more information.) The de- vices are offered in 48-pin TSOP and 48-ball FBGA packages. Standard control pins—chip enable (CE#), write enable (WE#), and output enable (OE#)—control normal read and write operations, and avoid bus con- tention issues. The devices requires only a single 1.8 volt power supply for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. Simultaneous Read/Write Operations with Zero Latency The Simultaneous Read/Write architecture provides simultaneous operation by dividing the memory space into two banks. The device can improve overall system performance by allowing a host system to pro- gram or erase in one bank, then immediately and si- multaneously read from the other bank, with zero latency. This releases the system from waiting for the completion of program or erase operations. The Am29DS32xG device family uses multiple bank architectures to provide flexibility for different applica- tions. Three devices are available with the following bank sizes: Am29DS32xG Features The SecSiTM (Secured Silicon) Sector is an extra sector capable of being permanently locked by AMD or cus- tomers. The SecSi Indicator Bit (DQ7) is perma- nently set to a 1 if the part is factory locked, and set to a 0 if customer lockable. This way, customer lock- able parts can never be used to replace a factory locked part. Current version of device has 256 bytes, which differs from previous versions of this device. Factory locked parts provide several options. The SecSi Sector may store a secure, random 16 byte ESN (Electronic Serial Number), customer code (pro- grammed through AMD’s ExpressFlash service), or both. DMS (Data Management Software) allows systems to easily take advantage of the advanced architecture of the simultaneous read/write product line by allowing removal of EEPROM devices. DMS will also allow the system software to be simplified, as it will perform all functions necessary to modify data in file structures, as opposed to single-byte modifications. To write or update a particular piece of data (a phone number or configuration data, for example), the user only needs to state which piece of data is to be updated, and where the updated data is located in the system. This is an ad vant ag e co mp ared t o syst em s w here user-written software must keep track of the old data location, status, logical to physical translation of the data onto the Flash memory device (or memory de- vices), and more. Using DMS, user-written software does not need to interface with the Flash memory di- rectly. Instead, the user's software accesses the Flash memory by calling one of only six functions. AMD pro- vides this software to simplify system design and soft- ware integration efforts. The device offers complete compatibility with the JEDEC single-power-supply Flash command set standard. Commands are written to the command register using standard microprocessor write timings. Reading data out of the device is similar to reading from other Flash or EPROM devices. The host system can detect whether a program or erase operation is complete by using the device sta- tus bits: RY/BY# pin, DQ7 (Data# Polling) and DQ6/DQ2 (toggle bits). After a program or erase cycle has been completed, the device automatically returns to the read mode. The sector erase architecture allows memory sec- tors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. Hardware data protection measures include a low VCC detector that automatically inhibits write opera- tions during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of mem- ory. This can be achieved in-system or via program- ming equipment. The device offers two power-saving features. When addresses have been stable for a specified amount of time, the device enters the automatic sleep mode. The system can also place the device into the standby mode. Power consumption is greatly re- duced in both modes. Device Bank 1 Bank 2 DS322 4 28 DS323 8 24 DS324 16 16 |
Numéro de pièce similaire - AM29DS323B120EE |
|
Description similaire - AM29DS323B120EE |