Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV320MH101RFI Fiches technique(PDF) 11 Page - Advanced Micro Devices |
|
AM29LV320MH101RFI Fiches technique(HTML) 11 Page - Advanced Micro Devices |
11 / 59 page January 31, 2007 26517B4 Am29LV320MH/L 9 D A TA SH EET ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Note: For the Am29LV320MH/L device, the last numeric digit in the speed option (e.g. 90R, 101, 112, 120) is used for internal purposes only. Please use OPNs as listed when placing orders. Am29LV320M H 120R PC I TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-free Packages PACKAGE TYPE E = 56-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 056) F = 56-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR056) PC = 64-Ball Fortified Ball Grid Array 1.0 mm pitch, 13 x 11 mm package (LAA064) SPEED OPTION See Product Selector Guide and Valid Combinations SECTOR ARCHITECTURE AND WP# PROTECTION (WP# = VIL) H = Uniform sector device, highest address sector protected L = Uniform sector device, lowest address sector protected DEVICE NUMBER/DESCRIPTION Am29LV320M 32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit ™ Uniform Sector Flash Memory with VersatileIO ™ Control, 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Package Speed (ns) V IO Range V CC Range Am29LV320MH90R, Am29LV320ML90R EI, FI, EF 90 3.0–3.6 V 3.0–3.6 V Am29LV320MH101, Am29LV320ML101 100 2.7–3.6 V 2.7–3.6 V Am29LV320MH112, Am29LV320ML112 110 1.65–3.6 V Am29LV320MH120, Am29LV320ML120 120 1.65–3.6 V Am29LV320MH101R, Am29LV320ML101R 100 2.7–3.6 V 3.0–3.6 V Am29LV320MH112R, Am29LV320ML112R 110 1.65–3.6 V Am29LV320MH120R, Am29LV320ML120R 120 1.65–3.6 V Valid Combinations for Fortified BGA Package Speed (ns) V IO Range V CC Range Order Number Package Marking Am29LV320MH90R, Am29LV320ML90R PCI, PCF L320MH90N, L320ML90N I, F 90 3.0– 3.6 V 3.0– 3.6 V Am29LV320MH101, Am29LV320ML101 L320MH01P, L320ML01P 100 2.7– 3.6 V 2.7– 3.6 V Am29LV320MH112, Am29LV320ML112 L320MH11P, L320ML11P 110 1.65– 3.6 V Am29LV320MH120, Am29LV320ML120 L320MH12P, L320ML12P 120 1.65– 3.6 V Am29LV320MH101R, Am29LV320ML101R L320MH01N, L320ML01N 100 2.7– 3.6 V 3.0– 3.6 V Am29LV320MH112R, Am29LV320ML112R L320MH11N, L320ML11N 110 1.65– 3.6 V Am29LV320MH120R, Am29LV320ML120R L320MH12N, L320ML12N 120 1.65– 3.6 V |
Numéro de pièce similaire - AM29LV320MH101RFI |
|
Description similaire - AM29LV320MH101RFI |