Moteur de recherche de fiches techniques de composants électroniques |
|
HA5024 Fiches technique(PDF) 5 Page - Intersil Corporation |
|
HA5024 Fiches technique(HTML) 5 Page - Intersil Corporation |
5 / 16 page 5 3550.6 February 8, 2006 Test Circuits and Waveforms FIGURE 1. TEST CIRCUIT FOR TRANSIMPEDANCE MEASUREMENTS FIGURE 2. SMALL SIGNAL PULSE RESPONSE CIRCUIT FIGURE 3. LARGE SIGNAL PULSE RESPONSE CIRCUIT NOTE: 17. A series input resistor of ≥100Ω is recommended to limit input currents in case input signals are present before the HA5024 is powered up. FIGURE 4. SMALL SIGNAL RESPONSE FIGURE 5. LARGE SIGNAL RESPONSE + - 50 Ω 50 Ω DUT HP4195 NETWORK ANALYZER VIN VOUT RL RF, 1kΩ 100 Ω 50 Ω + - DUT 100 Ω (NOTE 17) VIN VOUT RL RF, 681Ω 400 Ω 50 Ω + - DUT RI 681 Ω 100 Ω (NOTE 17) Vertical Scale: VIN = 100mV/Div., VOUT = 100mV/Div. Vertical Scale: VIN = 1V/Div., VOUT = 1V/Div. Horizontal Scale: 50ns/Div. HA5024 |
Numéro de pièce similaire - HA5024_06 |
|
Description similaire - HA5024_06 |