Moteur de recherche de fiches techniques de composants électroniques |
|
AD9236BCPZRL7-80 Fiches technique(PDF) 5 Page - Analog Devices |
|
AD9236BCPZRL7-80 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 36 page AD9236 Rev. B | Page 5 of 36 DIGITAL SPECIFICATIONS AVDD = 3 V, DRVDD = 2.5 V, 1.0 V external reference, unless otherwise noted. Table 3. AD9236BRU/AD9236BCP Parameter Temp Test Level Min Typ Max Unit LOGIC INPUTS (CLK, PDWN) High Level Input Voltage Full IV 2.0 V Low Level Input Voltage Full IV 0.8 V High Level Input Current Full IV –10 +10 μA Low Level Input Current Full IV –10 +10 μA Input Capacitance Full V 2 pF DIGITAL OUTPUTS (D0–D11, OTR)1 DRVDD = 3.3 V High Level Output Voltage (IOH = 50 μA) Full IV 3.29 V High Level Output Voltage (IOH = 0.5 mA) Full IV 3.25 V Low Level Output Voltage (IOH = 1.6 mA) Full IV 0.2 V Low Level Output Voltage (IOH = 50 μA) Full IV 0.05 V DRVDD = 2.5 V High Level Output Voltage (IOH = 50 μA) Full IV 2.49 V High Level Output Voltage (IOH = 0.5 mA) Full IV 2.45 V Low Level Output Voltage (IOH = 1.6 mA) Full IV 0.2 V Low Level Output Voltage (IOH = 50 μA) Full IV 0.05 V 1 Output voltage levels measured with 5 pF load on each output. |
Numéro de pièce similaire - AD9236BCPZRL7-80 |
|
Description similaire - AD9236BCPZRL7-80 |