Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV200BT-120DPI Fiches technique(PDF) 4 Page - Advanced Micro Devices

No de pièce AM29LV200BT-120DPI
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BT-120DPI Fiches technique(HTML) 4 Page - Advanced Micro Devices

  AM29LV200BT-120DPI Datasheet HTML 1Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 2Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BT-120DPI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Am29LV200B Known Good Die
November 18, 2003
SU PP L E ME NT
PAD DESCRIPTION (RELATIVE TO DIE CENTER)
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
–0.90
57.70
–0.02
1.47
2
DQ4
–13.00
57.70
–0.33
1.47
3
DQ12
–18.90
57.70
–0.48
1.47
4
DQ5
–24.80
57.70
–0.63
1.47
5
DQ13
–30.70
57.70
–0.78
1.47
6
DQ6
–36.50
57.70
–0.93
1.47
7
DQ14
–42.40
57.70
–1.08
1.47
8
DQ7
–48.30
57.70
–1.23
1.47
9
DQ15/A–1
–54.20
57.70
–1.38
1.47
10
VSS
–63.60
56.20
–1.62
1.43
11
BYTE#
–63.60
46.10
–1.62
1.17
12
A16
–63.60
36.00
–1.62
0.91
13
A15
–63.30
–54.80
–1.61
–1.39
14
A14
–55.90
–54.80
–1.42
–1.39
15
A13
–50.50
–54.80
–1.28
–1.39
16
A12
–44.70
–54.80
–1.14
–1.39
17
A11
–39.30
–54.80
–1.00
–1.39
18
A10
–33.40
–54.80
–0.85
–1.39
19
A9
–28.00
–54.60
–0.71
–1.39
20
A8
–22.10
–54.80
–0.56
–1.39
21
WE#
–16.60
–54.80
–0.42
–1.39
22
RESET#
–7.10
–58.60
–0.18
–1.49
23
RY/BY#
10.20
–58.60
0.26
–1.49
24
Not Connected
N/A
N/A
N/A
N/A
25
A7
28.00
–54.80
0.71
–1.39
26
A6
33.40
–54.80
0.85
–1.39
27
A5
39.30
–54.80
1.00
–1.39
28
A4
44.70
–54.80
1.14
–1.39
29
A3
50.50
–54.80
1.28
–1.39
30
A2
55.90
–54.80
1.42
–1.39
31
A1
63.30
–54.80
1.61
–1.39
32
A0
63.60
35.80
1.62
0.91
33
CE#
63.60
45.90
1.62
1.17
34
VSS
63.60
56.00
1.62
1.42
35
OE#
54.20
58.60
1.38
1.49
36
DQ0
46.60
57.70
1.18
1.47
37
DQ8
40.70
57.70
1.03
1.47
38
DQ1
34.90
57.70
0.89
1.47
39
DQ9
28.90
57.70
0.73
1.47
40
DQ2
23.10
57.70
0.59
1.47
41
DQ10
17.20
57.70
0.44
1.47
42
DQ3
11.40
57.70
0.29
1.47
43
DQ11
5.40
57.70
0.14
1.47


Numéro de pièce similaire - AM29LV200BT-120DPI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV200BT-120EC AMD-AM29LV200BT-120EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120EC AMD-AM29LV200BT-120EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120ECB AMD-AM29LV200BT-120ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120ED AMD-AM29LV200BT-120ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120EE AMD-AM29LV200BT-120EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Description similaire - AM29LV200BT-120DPI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com