Moteur de recherche de fiches techniques de composants électroniques |
|
AM42BDS640AGTC9IS Fiches technique(PDF) 9 Page - Advanced Micro Devices |
|
AM42BDS640AGTC9IS Fiches technique(HTML) 9 Page - Advanced Micro Devices |
9 / 72 page 8 Am42BDS640AG November 1, 2002 P R E L I M INARY CONNECTION DIAGRAM Note: VIOf must be tied to VCCf. Special Package Handling Instructions Special handling is required for Flash Memory prod- ucts in molded packages (TSOP, BGA, PLCC, PDIP, SSOP). The package and/or data integrity may be compromised if the package body is exposed to tem- peratures above 150 °C for prolonged periods of time. NC F1 G1 E2 F2 G2 H2 J2 L2 D3 E3 F3 G3 H3 J3 L3 D4 E4 F4 G4 H4 J4 L4 B5 D5 E5 H5 J5 L5 B6 D6 E6 H6 J6 L6 E7 F7 G7 H7 J7 L7 D8 E8 F8 G8 H8 J8 L8 E9 F9 G9 H9 J9 L9 F10 L10 G10 NC NC L1 M1 NC NC A2 A1 A0 NC A6 A5 B2 D2 B3 AVD# A3 NC A4 VSS DQ8 UB# B4 CLK A18 A17 DQ1 DQ2 NC RESET# RDY DQ11 NC CE2s A20 F5 G5 F6 G6 NC NC NC NC NC A19 B7 NC A9 A10 DQ6 DQ5 A12 A13 A14 NC DQ14 A21 NC B8 B9 D9 NC NC A15 A16 CE#f OE# DQ9 DQ3 DQ4 DQ13 DQ15 NC NC NC NC VSS VIOfNC NC NC CE#1s DQ0 DQ10 VCCfVCCs DQ12 DQ7 VSS K2 K3 K4 K5 K6 K7 K8 K9 NC NC M10 NC NC A10 B10 A1 B1 NC NC C3 C4 C5 C6 C7 C8 A7 C2 WP# LB# ACC WE# A8 A11 NC C9 C1 NC NC NC SRAM only Shared Flash only D7 93-Ball FBGA Top View |
Numéro de pièce similaire - AM42BDS640AGTC9IS |
|
Description similaire - AM42BDS640AGTC9IS |