Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F016D-120DTI1 Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM29F016D-120DTI1
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-120DTI1 Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM29F016D-120DTI1 Datasheet HTML 1Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 2Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 3Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 4Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 5Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 6Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 7Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 8Page - Advanced Micro Devices AM29F016D-120DTI1 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SUPPLEMENT
Publication# 26244
Rev: A Amendment/+1
Issue Date: June 11, 2002
Am29F016D Known Good Die
16 Megabit (2 M x 8-Bit)
CMOS 5.0 Volt-only, Sector Erase Flash Memory—Die Revision 1
DISTINCTIVE CHARACTERISTICS
■ 5.0 V
± 10%, single power supply operation
— Minimizes system level power requirements
■ Manufactured on 0.23 µm process technology
■ High performance
— 120 ns access time
■ Low power consumption
— 25 mA typical active read current
— 30 mA typical program/erase current
—<1
µA typical standby current (standard access
time to active mode)
■ Flexible sector architecture
— 32 uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased.
— Supports full chip erase
— Group sector protection:
A hardware method of locking sector groups to
prevent any program or erase operations within
that sector group
Temporary Sector Group Unprotect allows code
changes in previously locked sectors
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies bytes at specified addresses
■ Minimum 1 million erase cycles guaranteed
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply Flash standard
— Superior inadvertent write protection
■ Data# Polling and toggle bits
— Provides a software method of detecting program
or erase cycle completion
■ Ready/Busy output (RY/BY#)
— Provides a hardware method for detecting
program or erase cycle completion
■ Erase Suspend/Resume
— Suspends a sector erase operation to read data
from, or program data to, a non-erasing sector,
then resumes the erase operation
■ Hardware reset pin (RESET#)
— Resets internal state machine to the read mode
■ Tested to datasheet specifications at
temperature
■ Quality and reliability levels equivalent to
standard packaged components
■ 20-year data retention at 125
°C


Numéro de pièce similaire - AM29F016D-120DTI1

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29F016D-120E4C AMD-AM29F016D-120E4C Datasheet
1Mb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-120E4C AMD-AM29F016D-120E4C Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-120E4CB AMD-AM29F016D-120E4CB Datasheet
1Mb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-120E4D AMD-AM29F016D-120E4D Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-120E4E AMD-AM29F016D-120E4E Datasheet
1Mb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Description similaire - AM29F016D-120DTI1

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29F016B-1 AMD-AM29F016B-1 Datasheet
190Kb / 8P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800B-1 AMD-AM29F800B-1 Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
AM29F016D AMD-AM29F016D Datasheet
1Mb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com