Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F400BB-90SF0 Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
AM29F400BB-90SF0 Fiches technique(HTML) 6 Page - Advanced Micro Devices |
6 / 43 page 4 Am29F400B 21505E5 November 1, 2006 D A TA SH EE T PRODUCT SELECTOR GUIDE Note: See “AC Characteristics” for full specifications. BLOCK DIAGRAM Family Part Number Am29F400B Speed Option VCC = 5.0 V ± 5% -45 -50 -55 VCC = 5.0 V ± 10% -55 -70 -90 -120 Max access time, ns (tACC) 4550 557090 120 Max CE# access time, ns (tCE) 4550 557090 120 Max OE# access time, ns (tOE) 3030 30303550 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer VCC Detector State Control Command Register VCC VSS WE# BYTE# CE# OE# STB STB DQ0 –DQ15 (A-1) Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A0–A17 |
Numéro de pièce similaire - AM29F400BB-90SF0 |
|
Description similaire - AM29F400BB-90SF0 |