Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZT953 Datasheet(Fiches technique) 2 Page - Diodes Incorporated

Numéro de pièce DZT953
Description  PNP SURFACE MOUNT TRANSISTOR
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT953 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZT953 Datenblatt HTML 1Page - Diodes Incorporated DZT953 Datasheet HTML 2Page - Diodes Incorporated DZT953 Datenblatt HTML 3Page - Diodes Incorporated DZT953 Datenblatt HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @T
A = 25C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-140
?
?
V
IC = -100?A, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-100
?
?
V
IC = -10mA*, IB = 0
B
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
?
?
V
IE = -100?A, IC = 0
Collector Cutoff Current
ICBO
?
?
-50
-1
nA
?A
VCB = -100V, IE = 0
VCB = -100V, IE = 0, TA = 100C
Emitter Cutoff Current
IEBO
?
?
-10
nA
VEB = - 6V, IC = 0
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage
VCE(SAT)
?
?
?
?
-20
-90
-160
-300
-50
-115
-220
-420
mV
IC = -100mA, IB = -10mA*
I
B
C = -1A, IBB = -100mA*
IC = -2A, IB = -200mA*
I
B
C = -4A, IBB = -400mA*
Base-Emitter Saturation Voltage
VBE(SAT)
?
-1010
-1170
mV
IC = -4A, IB = -400mA*
B
Base-Emitter Turn-On Voltage
VBE(ON)
?
-925
-1160
mV
ICE = -4A, VCE = -1V*
DC Current Gain
hFE
100
100
50
30
?
?
?
?
?
15
?
300
?
?
?
?
IC = -10mA, VCE = -1V*
IC = -1A, VCE = -1V*
IC = -3A, VCE = -1V*
IC = -4A, VCE = -1V*
IC = -10A, VCE = -1V*
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
?
125
?
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output Capacitance
Cobo
?
65
?
pF
VCB = -10V, f = 1MHz
SWITCHING CHARACTERISTICS
IC = -2A, IB1 = -200mA
Switching Times
ton
toff
?
110
460
?
ns
IB2 = 200mA, VCC = -10V
*Measured under pulsed conditions. Pulse width = 300
?s
. Duty cycle ?2%
Typical Characteristics @T
amb = 25C unless otherwise specified
Fig. 1 Power Dissipation VS. Ambient Temperature (Note 3)
Fig. 2 Collector Current vs. Collector Emitter Voltage
Notes:
3.
Device mounted on FR-4 PCB, pad layout as shown on page 4.
DS30941 Rev. 5 - 2
2 of 4
www.diodes.com
DZT953
Diodes Incorporated


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn