Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZT853 Datasheet(Fiches technique) 1 Page - Diodes Incorporated

Numéro de pièce DZT853
Description  NPN SURFACE MOUNT TRANSISTOR
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT853 Datasheet(HTML) 1 Page - Diodes Incorporated

  DZT853 Datasheet HTML 1Page - Diodes Incorporated DZT853 Datenblatt HTML 2Page - Diodes Incorporated DZT853 Datenblatt HTML 3Page - Diodes Incorporated DZT853 Datenblatt HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DZT853
NPN SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Type Available (DZT953)
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-223
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish — Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.115 grams (approximate)
SOT-223
COLLECTOR
BASE
EMITTER
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6
V
Continuous Collector Current
IC
6
A
Power Dissipation
Ptot
1 (Note 3)
3 (Note 4)
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB, pad layout as shown on page 4.
4.
The power which can be dissipated, assuming the device is mounted in a typical manner on a PCB with copper equal to 4 square inch minimum.
DS30737 Rev. 3 - 2
1 of 4
www.diodes.com
DZT853
© Diodes Incorporated
SPICE MODELS: DZT853


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn