Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM41DL3234GB30IT Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM41DL3234GB30IT
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL3234GB30IT Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM41DL3234GB30IT Datasheet HTML 1Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 2Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 3Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 4Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 5Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 6Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 7Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 8Page - Advanced Micro Devices AM41DL3234GB30IT Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 25559
Rev: A Amendment/0
Issue Date: November 12, 2001
Refer to AMD’s Website (www.amd.com) for the latest information.
Am41DL32x4G
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash
Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
s Power supply voltage of 2.7 to 3.3 volt
s High performance
— Access time as fast as 70 ns
s Package
— 73-Ball FBGA
s Operating Temperature
— –40°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
s Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
s Secured Silicon (SecSi) Sector: Extra 256 Byte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number; verifiable
as factory locked through autoselect function.
— Customer lockable: Sector is one-time programmable. Once
locked, data cannot be changed
s Zero Power Operation
— Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero
s Top or bottom boot block
s Manufactured on 0.17 µm process technology
s Compatible with JEDEC standards
— Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
s High performance
— Access time as fast as 70 ns
— Program time: 4 µs/word typical utilizing Accelerate function
s Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
s Minimum 1 million write cycles guaranteed per sector
s 20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
s
Data Management Software (DMS)
— AMD-supplied software manages data programming and
erasing, enabling EEPROM emulation
— Eases sector erase limitations
s
Supports Common Flash Memory Interface (CFI)
s
Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in same
bank
s
Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
s
Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
s
Any combination of sectors can be erased
s
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase cycle
completion
s
Hardware reset pin (RESET#)
— Hardware method of resetting the internal state machine to
reading array data
s
WP#/ACC input pin
— Write protect (WP#) function allows protection of two outermost
boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program timing
s
Sector protection
— Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
SRAM Features
s
Power dissipation
— Operating: 22 mA maximum
— Standby: 10 µA maximum
s
CE1s# and CE2s Chip Select
s
Power down features using CE1s# and CE2s
s
Data retention supply voltage: 1.5 to 3.3 volt
s
Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)


Numéro de pièce similaire - AM41DL3234GB30IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM41DL3238GB30IS AMD-AM41DL3238GB30IS Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3238GB30IT AMD-AM41DL3238GB30IT Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3238GB35IS AMD-AM41DL3238GB35IS Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3238GB35IT AMD-AM41DL3238GB35IT Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3238GB40IS AMD-AM41DL3238GB40IS Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

Description similaire - AM41DL3234GB30IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM41PDS3224D AMD-AM41PDS3224D Datasheet
996Kb / 59P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com