Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV256MH30FI Fiches technique(PDF) 4 Page - Advanced Micro Devices

No de pièce AM29LV256MH30FI
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256MH30FI Fiches technique(HTML) 4 Page - Advanced Micro Devices

  AM29LV256MH30FI Datasheet HTML 1Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 2Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 3Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 4Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 5Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 6Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 7Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 8Page - Advanced Micro Devices AM29LV256MH30FI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
2
Am29LV256M
December 16, 2005
D A TA SH EE T
GENERAL DESCRIPTION
The Am29LV256M is a 256 Mbit, 3.0 volt single power
supply flash memory devices organized as 16,777,216
words or 33,554,432 bytes. The device has a 16-bit
wide data bus that can also function as an 8-bit wide
data bus by using the BYTE# input. The device can be
programmed either in the host system or in standard
EPROM programmers.
An access time of 100, 110, or 120 ns is available.
Note that each access time has a specific operating
voltage range (V
CC) and an I/O voltage range (VIO), as
specified in the Product Selector Guide and the Order-
ing Information sections. The device is offered in a
56-pin TSOP or Fortified BGA package. Each device
has separate chip enable (CE#), write enable (WE#)
and output enable (OE#) controls.
Each device requires only a single 3.0 volt power
supply for both read and write functions. In addition to
a V
CC input, a high-voltage accelerated program
(WP#/ACC) input provides shorter programming times
through increased current. This feature is intended to
facilitate factory throughput during system production,
but may also be used in the field if desired.
The device is entirely command set compatible with
the JEDEC single-power-supply Flash standard.
Commands are written to the device using standard
microprocessor write timing. Write cycles also inter-
nally latch addresses and data needed for the pro-
gramming and erase operations.
The sector erase architecture allows memory sec-
tors to be erased and reprogrammed without affecting
the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through
command sequences. Once a program or erase oper-
ation has begun, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or
monitor the Ready/Busy# (RY/BY#) output to deter-
mine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces com-
mand sequence overhead by requiring only two write
cycles to program data instead of four.
The VersatileI/O™ (V
IO) control allows the host sys-
tem to set the voltage levels that the device generates
and tolerates on the CE# control input and DQ I/Os to
the same voltage level that is asserted on the V
IO pin.
Refer to the Ordering Information section for valid V
IO
options.
Hardware data protection measures include a low
V
CC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
group protection feature disables both program and
erase operations in any combination of sector groups
of memory. This can be achieved in-system or via pro-
gramming equipment.
The Erase Suspend/Erase Resume feature allows
the host system to pause an erase operation in a given
sector to read or program any other sector and then
complete the erase operation. The Program Sus-
pend/Program Resume feature enables the host sys-
tem to pause a program operation in a given sector to
read any other sector and then complete the program
operation.
The hardware RESET# pin terminates any operation
in progress and resets the device, after which it is then
ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would
thus also reset the device, enabling the host system to
read boot-up firmware from the Flash memory device.
The device reduces power consumption in the
standby mode when it detects specific voltage levels
on CE# and RESET#, or when addresses have been
stable for a specified period of time.
The SecSi
TM (Secured Silicon) Sector provides a
128-word/256-byte area for code or data that can be
permanently protected. Once this sector is protected,
no further changes within the sector can occur.
The Write Protect (WP#/ACC) feature protects the
first or last sector by asserting a logic low on the WP#
pin.
AMD MirrorBit flash technology combines years of
Flash memory manufacturing experience to produce
the highest levels of quality, reliability and cost effec-
tiveness. The device electrically erases all bits within a
sector simultaneously via hot-hole assisted erase. The
data is programmed using hot electron injection.
RELATED DOCUMENTS
For a comprehensive information on MirrorBit prod-
ucts, including migration information, data sheets, ap-
plication notes, and software drivers, please see
www.amd.com
Flash MemoryProduct Informa-
tion
MirrorBitFlash InformationTechnical Docu-
mentation. The following is a partial list of documents
closely related to this product:
MirrorBit™ Flash Memory Write Buffer Programming
and Page Buffer Read
Implementing a Common Layout for AMD MirrorBit
and Intel StrataFlash Memory Devices
Migrating from Single-byte to Three-byte Device IDs


Numéro de pièce similaire - AM29LV256MH30FI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV256MH113REI AMD-AM29LV256MH113REI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH113RFI AMD-AM29LV256MH113RFI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH113RPGI AMD-AM29LV256MH113RPGI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256MH123REI AMD-AM29LV256MH123REI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
logo
SPANSION
AM29LV256MH123REI SPANSION-AM29LV256MH123REI Datasheet
1Mb / 69P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
More results

Description similaire - AM29LV256MH30FI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV256M AMD-AM29LV256M Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
logo
SPANSION
AM29LV256MH123REI SPANSION-AM29LV256MH123REI Datasheet
1Mb / 69P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
logo
Advanced Micro Devices
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
S70GL256M00 SPANSION-S70GL256M00 Datasheet
1Mb / 60P
   256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com