Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDD160GT67CKI Fiches technique(PDF) 8 Page - Advanced Micro Devices

No de pièce AM29BDD160GT67CKI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT67CKI Fiches technique(HTML) 8 Page - Advanced Micro Devices

Back Button AM29BDD160GT67CKI Datasheet HTML 4Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 5Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160GT67CKI Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
6
Am29BDD160G
June 7, 2006
BLOCK DIAGRAM OF
SIMULTANEOUS OPERATION CIRCUIT
VCC
VSS
Upper Bank Address
A0–A18
RESET#
WE#
CE#
ADV#
DQ0–DQ31
STATE
CONTROL
&
COMMAND
REGISTER
Upper Bank
X-Decoder
OE#
DQ0–DQ31
Lower Bank
X-Decoder
Lower Bank Address
Status
Control
A0–A18
A0–A18
16/32#


Numéro de pièce similaire - AM29BDD160GT67CKI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29BDD160GT64C AMD-AM29BDD160GT64C Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GT65A AMD-AM29BDD160GT65A Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Description similaire - AM29BDD160GT67CKI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com