Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM224N Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce LM224N
Description  Low power quad op amps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM224N Fiches technique(HTML) 3 Page - NXP Semiconductors

  LM224N Datasheet HTML 1Page - NXP Semiconductors LM224N Datasheet HTML 2Page - NXP Semiconductors LM224N Datasheet HTML 3Page - NXP Semiconductors LM224N Datasheet HTML 4Page - NXP Semiconductors LM224N Datasheet HTML 5Page - NXP Semiconductors LM224N Datasheet HTML 6Page - NXP Semiconductors LM224N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
LM124/224/324/324A/
SA534/LM2902
Low power quad op amps
1995 Nov 27
3
DC ELECTRICAL CHARACTERISTICS
VCC=5V, TA=25°C unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM124/LM224
LM324/SA534/LM2902
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Offset voltage1
RS=0Ω
±2
±5
±2
±7
mV
VOS
Offset voltage1
RS=0Ω, over temp.
±7
±9
mV
∆VOS/∆T
Temperature drift
RS=0Ω, over temp.
7
7
µV/°C
IBIAS
Input current2
IIN(+) or IIN(-)
45
150
45
250
nA
IBIAS
Input current2
IIN(+) or IIN(-), over temp.
40
300
40
500
nA
∆IBIAS/∆T
Temperature drift
Over temp.
50
50
pA/
°C
IOS
Offset current
IIN(+)-IIN(-)
±3
±30
±5
±50
nA
IOS
Offset current
IIN(+)-IIN(-), over temp.
±100
±150
nA
∆IOS/∆T
Temperature drift
Over temp.
10
10
pA/
°C
VCM
Common-mode voltage
VCC≤30V
0
VCC-1.5
0
VCC-1.5
V
VCM
range3
VCC≤30V, over temp.
0
VCC-2
0
VCC-2
V
CMRR
Common-mode rejection
ratio
VCC=30V
70
85
65
70
dB
VOUT
Output voltage swing
RL=2kΩ, VCC=30V,
over temp.
26
26
V
VOH
Output voltage high
RL≤10kΩ, VCC=30V,
over temp.
27
28
27
28
V
VOL
Output voltage low
RL≤10kΩ,
over temp.
5
20
5
20
mV
ICC
Supply current
RL=∞, VCC=30V,
over temp.
1.5
3
1.5
3
mA
ICC
Supply current
RL=∞,
over temp.
0.7
1.2
0.7
1.2
mA
AVOL
Large-signal voltage gain
VCC=15V (for large VO
swing), RL≥2kΩ
50
100
25
100
V/mV
AVOL
Large-signal voltage gain
VCC=15V (for large VO
swing), RL≥2kΩ,
over temp.
25
15
V/mV
Amplifier-to-amplifier
coupling5
f=1kHz to 20kHz,
input referred
-120
-120
dB
PSRR
Power supply rejection ratio
RS≤0Ω
65
100
65
100
dB
IOUT
Output current
source
VIN+=+1V, VIN-=0V,
VCC=15V
20
40
20
40
mA
IOUT
VIN+=+1V, VIN-=0V,
VCC=15V, over temp.
10
20
10
20
mA
IOUT
Output current
VIN-=+1V, VIN+=0V,
VCC=15V
10
20
10
20
mA
sink
VIN-=+1V, VIN+=0V,
VCC=15V, over temp.
5
8
5
8
VIN-=+1V, VIN+=0V,
VO=200mV
12
50
12
50
µA
ISC
Short-circuit current4
10
40
60
10
40
60
mA
GBW
Unity gain bandwidth
1
1
MHz
SR
Slew rate
0.3
0.3
V/
µs
VNOISE
Input noise voltage
f=1kHz
40
40
nV/
√Hz
VDIFF
Differential input voltage3
VCC
VCC
V


Numéro de pièce similaire - LM224N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM224N STMICROELECTRONICS-LM224N Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Texas Instruments
LM224N TI1-LM224N Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
logo
Fairchild Semiconductor
LM224N FAIRCHILD-LM224N Datasheet
139Kb / 12P
   Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Texas Instruments
LM224N TI-LM224N Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
logo
ON Semiconductor
LM224N ONSEMI-LM224N Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Description similaire - LM224N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
logo
Texas Instruments
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com