Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LLE18150X Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce LLE18150X
Description  NPN silicon planar epitaxial microwave power transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18150X Fiches technique(HTML) 8 Page - NXP Semiconductors

  LLE18150X Datasheet HTML 1Page - NXP Semiconductors LLE18150X Datasheet HTML 2Page - NXP Semiconductors LLE18150X Datasheet HTML 3Page - NXP Semiconductors LLE18150X Datasheet HTML 4Page - NXP Semiconductors LLE18150X Datasheet HTML 5Page - NXP Semiconductors LLE18150X Datasheet HTML 6Page - NXP Semiconductors LLE18150X Datasheet HTML 7Page - NXP Semiconductors LLE18150X Datasheet HTML 8Page - NXP Semiconductors LLE18150X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
September 1994
8
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LLE18150X
Fig.6 Input impedance as a function of frequency; typical values at PL =PL1
VCE = 24 V; Zo = 10 Ω; ICQ = 50 mA.
MBD742
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
– j
0.2
0.5
10
5
2
1.7 GHz
2 GHz
1.85 GHz
Z i
Fig.7 Optimum load impedance as a function of frequency; typical values at PL =PL1.
VCE = 24 V; Zo = 10 Ω; ICQ = 50 mA.
MBD743
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
– j
0.2
0.5
10
5
2
2 GHz
1.85 GHz
Z L
1.7 GHz


Numéro de pièce similaire - LLE18150X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LLE18100X PHILIPS-LLE18100X Datasheet
60Kb / 9P
   NPN silicon planar epitaxial microwave power transistor
November 1994
More results

Description similaire - LLE18150X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LLE18100X PHILIPS-LLE18100X Datasheet
60Kb / 9P
   NPN silicon planar epitaxial microwave power transistor
November 1994
LFE18500X PHILIPS-LFE18500X Datasheet
62Kb / 10P
   NPN silicon planar epitaxial microwave power transistor
December 1994
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Nanjing International G...
MMBT2222 DGNJDZ-MMBT2222 Datasheet
104Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Seme LAB
BUY24 SEME-LAB-BUY24 Datasheet
22Kb / 2P
   SILICON PLANAR EPITAXIAL NPN POWER SWITCHING TRANSISTOR
logo
Micro Electronics
2SA816 MICRO-ELECTRONICS-2SA816 Datasheet
112Kb / 2P
   PNP/NPN SILICON PLANAR EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBT2222 SEMTECH_ELEC-MMBT2222 Datasheet
262Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
MMBT2222W SEMTECH_ELEC-MMBT2222W Datasheet
258Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com