Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DDTC123EE Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce DDTC123EE
Description  NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123EE Fiches technique(HTML) 5 Page - Diodes Incorporated

  DDTC123EE_1 Datasheet HTML 1Page - Diodes Incorporated DDTC123EE_1 Datasheet HTML 2Page - Diodes Incorporated DDTC123EE_1 Datasheet HTML 3Page - Diodes Incorporated DDTC123EE_1 Datasheet HTML 4Page - Diodes Incorporated DDTC123EE_1 Datasheet HTML 5Page - Diodes Incorporated DDTC123EE_1 Datasheet HTML 6Page - Diodes Incorporated DDTC123EE_1 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS30313 Rev. 8 - 2
5 of 7
DDTC (R1 = R2 SERIES) E
www.diodes.com
10
I , COLLECTOR CURRENT (mA)
C
Fig. 14 Input Voltage vs. Collector Current
0
0.1
1
10
100
20
30
40
50
V
= 0.3V
CE
150 C
°
-55 C
°
-25 C
°
75 C
°
25 C
°
1
I , COLLECTOR CURRENT (mA)
C
Fig. 13 V
vs. I
CE(SAT)
C
0.01
0.1
0
10
20
30
40
50
I/I = 20
CB
150 C
°
75 C
°
-55 C
°
-25 C
°
25 C
°
1
10
I , COLLECTOR CURRENT (mA)
C
Fig.12 Typical DC Current Gain vs Collector Current
10
100
1000
1
100
V= 5V
CE
150 C
°
75 C
°
25 C
°
-25 C
°
-55 C
°
10
I , COLLECTOR CURRENT (mA)
C
Fig. 11 Input Voltage vs. Collector Current
0
0.1
1
10
100
20
30
40
50
25 C
°
V
= 0.3V
CE
-55 C
°
-25 C
°
150 C
°
75 C
°
Typical Curves - DDTC124EE


Numéro de pièce similaire - DDTC123EE_1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DDTC123EE-7 DIODES-DDTC123EE-7 Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC123EE-7-F DIODES-DDTC123EE-7-F Datasheet
551Kb / 10P
   NPN PRE-BIASED TRANSISTOR IN SOT523
Rev. 16 - 2 April 2021
More results

Description similaire - DDTC123EE_1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DDTC114GE DIODES-DDTC114GE Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 3 - 1
DDTC113ZE DIODES-DDTC113ZE_1 Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC114GE DIODES-DDTC114GE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 7 - 2
DDTC123EE DIODES-DDTC123EE Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC113TE DIODES-DDTC113TE Datasheet
71Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 2 - 2
DDTC113ZE DIODES-DDTC113ZE Datasheet
70Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 3 - 2
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123EE DIODES-DDTA123EE_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 6- 2
DDTA114GE DIODES-DDTA114GE_1 Datasheet
444Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com