Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZY7120LG-T3 Fiches technique(PDF) 1 Page - Power-One

No de pièce ZY7120LG-T3
Description  20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7120LG-T3 Fiches technique(HTML) 1 Page - Power-One

  ZY7120LG-T3 Datasheet HTML 1Page - Power-One ZY7120LG-T3 Datasheet HTML 2Page - Power-One ZY7120LG-T3 Datasheet HTML 3Page - Power-One ZY7120LG-T3 Datasheet HTML 4Page - Power-One ZY7120LG-T3 Datasheet HTML 5Page - Power-One ZY7120LG-T3 Datasheet HTML 6Page - Power-One ZY7120LG-T3 Datasheet HTML 7Page - Power-One ZY7120LG-T3 Datasheet HTML 8Page - Power-One ZY7120LG-T3 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ZY7120 20A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
Member of the
Family
Applications
Low voltage, high density systems with
Intermediate Bus Architectures (IBA)
Point-of-load regulators for high performance DSP,
FPGA, ASIC, and microprocessor applications
Desktops, servers, and portable computing
Broadband, networking, optical, and
communications systems
Active memory bus terminators
Benefits
Integrates digital power conversion with intelligent
power management
Eliminates the need for external power
management components
Completely programmable via industry-standard
I
2C communication bus
One part that covers all applications
Reduces board space, system cost and
complexity, and time to market
Features
RoHS lead free and lead-solder-exempt products are
available
Wide input voltage range: 3V–13.2V
High continuous output current: 20A
Wide programmable output voltage range: 0.5V–5.5V
Active digital current share
Single-wire serial communication bus for frequency
synchronization, programming, and monitoring
Optimal voltage positioning with programmable slope
of the VI line
Overcurrent, overvoltage, undervoltage, and
overtemperature protections with programmable
thresholds and types
Programmable fixed switching frequency 0.5-1.0MHz
Programmable turn-on and turn-off delays
Programmable turn-on and turn-off voltage slew rates
with tracking protection
Programmable feedback loop compensation
Power Good signal with programmable limits
Programmable fault management
Start up into the load pre-biased up to 100%
Full rated current sink
Real time voltage, current, and temperature
measurements, monitoring, and reporting
Small footprint SMT package: 8x32mm
Low profile of 14mm
Compatible with conventional pick-and-place
equipment
Wide operating temperature range
UL60950 recognized, CSA C22.2 No. 60950-00
certified, and TUV EN60950-1:2001 certified
Description
The ZY7120 is an intelligent, fully programmable step-down point-of-load DC-DC module integrating digital power
conversion and intelligent power management. When used with ZM7000 Series Digital Power Managers, the
ZY7120 completely eliminates the need for external components for sequencing, tracking, protection, monitoring,
and reporting. All parameters of the ZY7120 are programmable via the industry-standard I
2C communication bus
and can be changed by a user at any time during product development and service.
REV. 2.1 MAR 14, 2007
www.power-one.com
Page 1 of 34


Numéro de pièce similaire - ZY7120LG-T3

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY7.5 CDIL-ZY7.5 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY7.5 EIC-ZY7.5 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY7.5 VISHAY-ZY7.5 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
More results

Description similaire - ZY7120LG-T3

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com