Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT1000 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAT1000
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT1000 Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAT1000 Datasheet HTML 1Page - Diodes Incorporated BAT1000 Datasheet HTML 2Page - Diodes Incorporated BAT1000 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30245 Rev. 6 - 2
2 of 3
BAT1000
www.diodes.com
0
0.25
0.50
0
50
100
150
T , TERMINAL TEMPERATURE (
°C)
T
Fig. 1 Forward Current Derating Curve
0.75
1.0
25
75
125
0.01
0.1
1.0
10
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
V , DC REVERSE VOLTAGE (V)
R
Fig. 3 Typ. Total Capacitance vs Reverse Voltage
1000
1.0
10
100
0
5
10
15
20
25
f = 1MHz
25
50
75
100
125
150
1
10
20
50
40
30
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Safe Operating Area
Note: 1. Assumed application thermal conditions.
RqJA varies depending on application.


Numéro de pièce similaire - BAT1000

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000 Datasheet
80Kb / 4P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
BAT1000-7 DIODES-BAT1000-7 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000-7-F DIODES-BAT1000-7-F Datasheet
80Kb / 4P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
More results

Description similaire - BAT1000

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
logo
Yea Shin Technology Co....
BAT140 YEASHIN-BAT140 Datasheet
124Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS120 TSC-SS120 Datasheet
286Kb / 5P
   1A, 200V Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
   1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
   1A , 25V Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
LGSS12A-SERIES LUGUANG-LGSS12A-SERIES Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK14MAFG CITC-SK14MAFG Datasheet
504Kb / 4P
   1A Surface Mount Schottky Barrier Rectifiers
SKS12B CITC-SKS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com