Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54JW-7-F Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAT54JW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54JW-7-F Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAT54JW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54JW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54JW-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30157 Rev. 9 - 2
2 of 3
BAT54JW
www.diodes.com
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
KLC = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KLC
Marking Information
Device
Packaging
Shipping
BAT54JW-7-F
SOT-363
3000/Tape & Reel
(Note 4)
Ordering Information
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
0
100
025
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Power Derating Curve
A
°
200
0
2
4
10
8
6
12
0
10
15
5
20
30
25
V , REVERSE VOLTAGE (V)
Fig.3 Typical Capacitance vs. Reverse Voltage
R
f = 1.0MHz
0.001
0.01
0.1
10
1
100
0
510
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
R
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T= 0ºC
A
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
MN
P
R
S
T
U
VW
X
Y
Z


Numéro de pièce similaire - BAT54JW-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAT54JW-7-F DIODES-BAT54JW-7-F Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 11 - 2 July 2008
More results

Description similaire - BAT54JW-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com