Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA5022 Fiches technique(PDF) 12 Page - Intersil Corporation

No de pièce HA5022
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022 Fiches technique(HTML) 12 Page - Intersil Corporation

Back Button HA5022_03 Datasheet HTML 8Page - Intersil Corporation HA5022_03 Datasheet HTML 9Page - Intersil Corporation HA5022_03 Datasheet HTML 10Page - Intersil Corporation HA5022_03 Datasheet HTML 11Page - Intersil Corporation HA5022_03 Datasheet HTML 12Page - Intersil Corporation HA5022_03 Datasheet HTML 13Page - Intersil Corporation HA5022_03 Datasheet HTML 14Page - Intersil Corporation HA5022_03 Datasheet HTML 15Page - Intersil Corporation HA5022_03 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
FIGURE 23. PROPAGATION DELAY vs TEMPERATURE
FIGURE 24. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 25. SLEW RATE vs TEMPERATURE
FIGURE 26. NON-INVERTING GAIN FLATNESS vs
FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC, Unless Otherwise Specified (Continued)
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
8.0
7.5
7.0
6.5
6.0
RL = 100Ω
VOUT = 1.0VP-P
AV = +1
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
3
5
7
9
11
13
15
RLOAD = 100Ω
VOUT = 1.0VP-P
AV = +10, RF = 383Ω
AV = +2, RF = 681Ω
AV = +1, RF =1kΩ
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
500
450
400
350
300
250
200
150
100
VOUT = 2VP-P
+ SLEW RATE
- SLEW RATE
FREQUENCY (MHz)
510
15
20
25
30
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VOUT = 0.2VP-P
CL = 10pF
AV= +2, RF = 681Ω
AV= +5, RF = 1kΩ
AV = +1, RF = 1kΩ
AV = +10, RF = 383Ω
HA5022


Numéro de pièce similaire - HA5022_03

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
logo
Renesas Technology Corp
HA5022EVAL RENESAS-HA5022EVAL Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5022EVAL RENESAS-HA5022EVAL Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results

Description similaire - HA5022_03

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com