Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HI5812 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce HI5812
Description  CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5812 Fiches technique(HTML) 4 Page - Intersil Corporation

  HI5812_05 Datasheet HTML 1Page - Intersil Corporation HI5812_05 Datasheet HTML 2Page - Intersil Corporation HI5812_05 Datasheet HTML 3Page - Intersil Corporation HI5812_05 Datasheet HTML 4Page - Intersil Corporation HI5812_05 Datasheet HTML 5Page - Intersil Corporation HI5812_05 Datasheet HTML 6Page - Intersil Corporation HI5812_05 Datasheet HTML 7Page - Intersil Corporation HI5812_05 Datasheet HTML 8Page - Intersil Corporation HI5812_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Spurious Free Dynamic Range,
SFDR
JfS =Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
-75.4
-75.1
--
-
dB
dB
KfS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
-80.9
-79.6
--
-
dB
dB
ANALOG INPUT
Input Current, Dynamic
At VIN = VREF+, 0V
-
±50
±100
-
±100
µA
Input Current, Static
Conversion Stopped
-
±0.4
±10
-
±10
µA
Input Bandwidth -3dB
-
1
-
-
-
MHz
Reference Input Current
-
160
-
-
-
µA
Input Series Resistance, RS
In Series with Input CSAMPLE
-
420
-
-
-
W
Input Capacitance, CSAMPLE
During Sample State
-
380
-
-
-
pF
Input Capacitance, CHOLD
During Hold State
-
20
-
-
-
pF
DIGITAL INPUTS OEL, OEM, STRT
High-Level Input Voltage, VIH
2.4
-
-
2.4
-
V
Low-Level Input Voltage, VIL
-
-
0.8
-
0.8
V
Input Leakage Current, IIL
Except CLK, VIN = 0V, 5V
-
-
±10
-
±10
µA
Input Capacitance, CIN
-10-
-
-
pF
DIGITAL OUTPUTS
High-Level Output Voltage, VOH
ISOURCE = -400µA4.6
-
-
4.6
-
V
Low-Level Output Voltage, VOL
ISINK = 1.6mA
-
-
0.4
-
0.4
V
Three-State Leakage, IOZ
Except DRDY, VOUT = 0V, 5V
-
-
±10
-
±10
µA
Output Capacitance, COUT
Except DRDY
-
20
-
-
-
pF
CLOCK
High-Level Output Voltage, VOH
ISOURCE = -100µA (Note 2)
4
-
-
4
-
V
Low-Level Output Voltage, VOL
ISINK = 100µA (Note 2)
-
-
1
-
1
V
Input Current
CLK Only, VIN = 0V, 5V
-
-
±5-
±5mA
TIMING
Conversion Time (tCONV + tACQ)
(Includes Acquisition Time)
20
-
-
20
-
µs
Clock Frequency
Internal Clock, (CLK = Open)
200
300
400
150
500
kHz
External CLK (Note 2)
0.05
2
1.5
0.05
1.5
MHz
Clock Pulse Width, tLOW, tHIGH
External CLK (Note 2)
100
-
-
100
-
ns
Aperture Delay, tDAPR
(Note 2)
-
35
50
-
70
ns
Clock to Data Ready Delay, tD1DRDY
(Note 2)
-
105
150
-
180
ns
Clock to Data Ready Delay, tD2DRDY
(Note 2)
-
100
160
-
195
ns
Start Removal Time, tRSTRT
(Note 2)
75
30
-
75
-
ns
Start Setup Time, tSUSTRT
(Note 2)
85
60
-
100
-
ns
Start Pulse Width, tWSTRT
(Note 2)
10
4
-
15
-
ns
Start to Data Ready Delay, tD3 DRDY
(Note 2)
-
65
105
-
120
ns
Electrical Specifications
VDD = VAA+ = 5V, VREF+ = +4.608V, VSS = VAA- = VREF- = GND, CLK = External 750kHz,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
25oC
-40oC TO 85oC
UNITS
MIN
TYP
MAX
MIN
MAX
HI5812


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn