Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2051BDGNG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2051BDGNG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2051BDGNG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2051BDGNG4 Datasheet HTML 1Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 2Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 3Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 4Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 5Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 6Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 7Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 8Page - Texas Instruments TPS2051BDGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
www.ti.com
TPS2041B
,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514G – APRIL 2004 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating junction temperature range, V
I(IN) = 5.5 V, IO = 0.5 A, VI(/ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP MAX
UNIT
SUPPLY CURRENT (TPS2043B, TPS2053B)
TJ = 25°C
0.5
2
Supply current, low-level output
No load on OUT, VI(ENx) = 0 V
µA
-40°C
≤ T
J ≤ 125°C
0.5
10
TJ = 25°C
65
90
Supply current, high-level output
No load on OUT, VI(ENx) = 5.5 V
µA
-40°C
≤ T
J ≤ 125°C
65
110
Leakage current
OUT connected to ground, VI(ENx) = 0 V
-40°C
≤ T
J ≤ 125°C
1
µA
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground(3)
TJ = 25°C
0.2
µA
SUPPLY CURRENT (TPS2044B, TPS2054B)
TJ = 25°C
0.5
2
No load on OUT, VI(ENx) = 5.5 V,
Supply current, low-level output
µA
or VI(ENx) = 0 V
-40°C
≤ T
J ≤ 125°C
0.5
10
TJ = 25°C
75
110
No load on OUT, VI(ENx) = 0 V,
Supply current, high-level output
µA
or VI(ENx) = 5.5 V
-40°C
≤ T
J ≤ 125°C
75
140
OUT connected to ground, VI(ENx) = 5.5 V,
Leakage current
-40°C
≤ T
J ≤ 125°C
1
µA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground(3)
TJ = 25°C
0.2
µA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN, INx
2
2.5
V
Hysteresis, IN, INx
TJ = 25°C
75
mV
OVERCURRENT OC and OCx
Output low voltage, VOL(/OCx)
IO(OCx) = 5 mA
0.4
V
Off-state current(3)
VO(OCx) = 5 V or 3.3 V
1
µA
OC deglitch(3)
OCx assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(4)
Thermal shutdown threshold(3)
135
°C
Recovery from thermal shutdown(3)
125
°C
Hysteresis(3)
10
°C
(3)
Not tested in production, specified by design.
(4)
The thermal shutdown only reacts under overcurrent conditions.
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS2051BDGNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2051BDGNG4 TI-TPS2051BDGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2051BDGNG4 TI-TPS2051BDGNG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2051BDGNG4 TI1-TPS2051BDGNG4 Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2051BDGNG4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com