Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMDT2907A Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce MMDT2907A
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT2907A Fiches technique(HTML) 1 Page - Diodes Incorporated

  MMDT2907A_1 Datasheet HTML 1Page - Diodes Incorporated MMDT2907A_1 Datasheet HTML 2Page - Diodes Incorporated MMDT2907A_1 Datasheet HTML 3Page - Diodes Incorporated MMDT2907A_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMDT2907A
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Ideal for Low Power Amplification
and Switching
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 2)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
Terminal Connections: See Diagram
Marking Information: See Page 4
Ordering and Date Code Information: See Page 4
Weight: 0.006 grams (approximate)
A
M
J
L
D
B C
H
K
F
C
2
C
2
B
1
B
1
E
1
E
1
E
2
E
2
B
2
B
2
C
1
C
1
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
All Dimensions in mm
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 1)
IC
-600
mA
Total Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
No purposefully added lead.
DS30109 Rev. 10 - 2
1 of 4
www.diodes.com
MMDT2907A
© Diodes Incorporated
SPICE MODEL: MMDT2907A


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MMBT2907A_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  Diodes Incorporated
MMST3906_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  Diodes Incorporated
BC856A_ PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR 1  2  3  4  Diodes Incorporated
MMST2907A_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  Diodes Incorporated
DMMT5401 MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  Diodes Incorporated
MMBT4126_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  Diodes Incorporated
MMDT3904_1 DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  Diodes Incorporated
MMST4403_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  5  Diodes Incorporated
MMBTA55_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  Diodes Incorporated
MMBT5401_1 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  4  Diodes Incorporated

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn