Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GBU8A Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce GBU8A
Description  8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU8A Fiches technique(HTML) 1 Page - Won-Top Electronics

  GBU8A_06 Datasheet HTML 1Page - Won-Top Electronics GBU8A_06 Datasheet HTML 2Page - Won-Top Electronics GBU8A_06 Datasheet HTML 3Page - Won-Top Electronics GBU8A_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBU8A – GBU8M
1 of 4
© 2006 Won-Top Electronics
Pb
GBU8A – GBU8M
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
A
!
Low Forward Voltage Drop
D
!
High Current Capability
J
!
High Reliability
C
!
High Surge Current Capability
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Recognized File # E157705
E
                       
G
K
Mechanical Data
H
!
Case: GBU, Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
!
Weight: 4.0 grams (approx.)
B
!
Mounting Position: Any
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
L
Add “-LF” Suffix to Part Number, See Page 4
N
P
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
GBU8A GBU8B GBU8D GBU8G GBU8J GBU8K GBU8M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
(Note 1)
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
I2t Rating for Fusing (t < 8.3ms)
I2t
166
A2s
Forward Voltage per leg
@IF = 4.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
Typical Thermal Resistance per leg (Note 2)
RJA
21
°C/W
Typical Thermal Resistance per leg (Note 1)
RJC
2.2
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on 82 x 82 x 3.0mm Al. plate.
2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
WTE
POWER SEMICONDUCTORS
GBU
Dim
Min
Max
A
21.80
22.30
B
18.30
18.80
C
7.40
7.90
D
3.50
4.10
E
1.52
2.03
G
2.16
2.54
H
4.83
5.33
J
1.65
2.16
K
1.02
1.27
L
0.76
1.02
M
3.30
3.56
N
17.50
18.00
P
0.45
0.75
All Dimensions in mm


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GBJ8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
FBI4A7M1 4 Amp. Glass Passivated Bridge Rectifier 1  2  List of Unclassifed Manufacturers
KBP2005G_1 2.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ4005G_1 4.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ6005G_1 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC15005_1 15A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC25005_1 25A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC35005_1 35A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
B40C800DM Glass Passivated Ultrafast Bridge Rectifier 1  2  3  4  Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn