Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GBU8A Fiches technique(PDF) 3 Page - Won-Top Electronics

No de pièce GBU8A
Description  8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU8A Fiches technique(HTML) 3 Page - Won-Top Electronics

  GBU8A_06 Datasheet HTML 1Page - Won-Top Electronics GBU8A_06 Datasheet HTML 2Page - Won-Top Electronics GBU8A_06 Datasheet HTML 3Page - Won-Top Electronics GBU8A_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBU8A – GBU8M
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
340 x 337 x 45
1,000
375 x 360 x 213
4,000
16.5
GBU
8x
WTE
= Manufacturer’s Logo
GBU8x
= Device Number
x
= A, B, D, G, J, K or M
Polarity
= As Marked on Body
+
~
~
-
WTE
Note: 1. Paper box, white or brown color.
BULK


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GBJ8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
FBI4A7M1 4 Amp. Glass Passivated Bridge Rectifier 1  2  List of Unclassifed Manufacturers
KBP2005G_1 2.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ4005G_1 4.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ6005G_1 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC15005_1 15A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC25005_1 25A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC35005_1 35A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
B40C800DM Glass Passivated Ultrafast Bridge Rectifier 1  2  3  4  Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn