Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GBU8A Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce GBU8A
Description  8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU8A Fiches technique(HTML) 2 Page - Won-Top Electronics

  GBU8A_06 Datasheet HTML 1Page - Won-Top Electronics GBU8A_06 Datasheet HTML 2Page - Won-Top Electronics GBU8A_06 Datasheet HTML 3Page - Won-Top Electronics GBU8A_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBU8A – GBU8M
2 of 4
© 2006 Won-Top Electronics
0.1
1.0
10
100
0.2
0.0
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25 C
j
°
Pulse width = 300 s
µ
1.4
0
100
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
Single Half-Sine Wave
(JEDEC Method)
T = 25 C
j
°
0
2
4
6
8
10
0
50
100
150
T , TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
°
Resistive or
Inductive Load
Al. Plate
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T= 25 C
j
°
f = 1.0MHz


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GBJ8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
FBI4A7M1 4 Amp. Glass Passivated Bridge Rectifier 1  2  List of Unclassifed Manufacturers
KBP2005G_1 2.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ4005G_1 4.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ6005G_1 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC15005_1 15A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC25005_1 25A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC35005_1 35A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
B40C800DM Glass Passivated Ultrafast Bridge Rectifier 1  2  3  4  Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn