Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFZ44NS Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce IRFZ44NS
Description  N-channel enhancement mode TrenchMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRFZ44NS Fiches technique(HTML) 8 Page - NXP Semiconductors

  IRFZ44NS Datasheet HTML 1Page - NXP Semiconductors IRFZ44NS Datasheet HTML 2Page - NXP Semiconductors IRFZ44NS Datasheet HTML 3Page - NXP Semiconductors IRFZ44NS Datasheet HTML 4Page - NXP Semiconductors IRFZ44NS Datasheet HTML 5Page - NXP Semiconductors IRFZ44NS Datasheet HTML 6Page - NXP Semiconductors IRFZ44NS Datasheet HTML 7Page - NXP Semiconductors IRFZ44NS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRFZ44NS
TrenchMOS
TM transistor
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.19. SOT404 : soldering pattern for surface mounting.
DEFINITIONS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and
operation of the device at these or at any other conditions above those given in the Characteristics sections of
this specification is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
© Philips Electronics N.V. 1999
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the
copyright owner.
The information presented in this document does not form part of any quotation or contract, it is believed to be
accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these
products can be reasonably expected to result in personal injury. Philips customers using or selling these products
for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting
from such improper use or sale.
17.5
11.5
9.0
5.08
3.8
2.0
February 1999
8
Rev 1.000


Numéro de pièce similaire - IRFZ44NS

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
logo
Kersemi Electronic Co.,...
IRFZ44NS KERSEMI-IRFZ44NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRFZ44NS ISC-IRFZ44NS Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFZ44NS UMW-IRFZ44NS Datasheet
842Kb / 7P
   60V N-Channel MOSFET
More results

Description similaire - IRFZ44NS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
   N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com