Moteur de recherche de fiches techniques de composants électroniques |
|
1N4006G-B Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
1N4006G-B Fiches technique(HTML) 3 Page - Diodes Incorporated |
3 / 3 page Notes: 5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf DS29002 Rev. 6 - 2 3 of 3 1N4001G/L-1N4007G/L www.diodes.com Ordering Information Device Packaging Shipping 1N4001G-A DO-41 Plastic 5K/Ammo Pack 1N4001G-B DO-41 Plastic 1K/Bulk 1N4001G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4002G-A DO-41 Plastic 5K/Ammo Pack 1N4002G-B DO-41 Plastic 1K/Bulk 1N4002G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4003G-A DO-41 Plastic 5K/Ammo Pack 1N4003G-B DO-41 Plastic 1K/Bulk 1N4003G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4004G-A DO-41 Plastic 5K/Ammo Pack 1N4004G-B DO-41 Plastic 1K/Bulk 1N4004G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4005G-A DO-41 Plastic 5K/Ammo Pack 1N4005G-B DO-41 Plastic 1K/Bulk 1N4005G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4006G-A DO-41 Plastic 5K/Ammo Pack 1N4006G-B DO-41 Plastic 1K/Bulk 1N4006G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4007G-A DO-41 Plastic 5K/Ammo Pack 1N4007G-B DO-41 Plastic 1K/Bulk 1N4007G-T DO-41 Plastic 5K/Tape & Reel, 13-inch 1N4001GL-T A-405 5K/Tape & Reel, 13-inch 1N4002GL-T A-405 5K/Tape & Reel, 13-inch 1N4003GL-T A-405 5K/Tape & Reel, 13-inch 1N4004GL-T A-405 5K/Tape & Reel, 13-inch 1N4005GL-T A-405 5K/Tape & Reel, 13-inch 1N4006GL-T A-405 5K/Tape & Reel, 13-inch 1N4007GL-T A-405 5K/Tape & Reel, 13-inch (Note 5) IMPORTANT NOTICE LIFE SUPPORT Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. |
Numéro de pièce similaire - 1N4006G-B |
|
Description similaire - 1N4006G-B |