Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4004G-A Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 1N4004G-A
Description  1.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4004G-A Fiches technique(HTML) 3 Page - Diodes Incorporated

  1N4004G-A Datasheet HTML 1Page - Diodes Incorporated 1N4004G-A Datasheet HTML 2Page - Diodes Incorporated 1N4004G-A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS29002 Rev. 6 - 2
3 of 3
1N4001G/L-1N4007G/L
www.diodes.com
Ordering Information
Device
Packaging
Shipping
1N4001G-A
DO-41 Plastic
5K/Ammo Pack
1N4001G-B
DO-41 Plastic
1K/Bulk
1N4001G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4002G-A
DO-41 Plastic
5K/Ammo Pack
1N4002G-B
DO-41 Plastic
1K/Bulk
1N4002G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4003G-A
DO-41 Plastic
5K/Ammo Pack
1N4003G-B
DO-41 Plastic
1K/Bulk
1N4003G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4004G-A
DO-41 Plastic
5K/Ammo Pack
1N4004G-B
DO-41 Plastic
1K/Bulk
1N4004G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4005G-A
DO-41 Plastic
5K/Ammo Pack
1N4005G-B
DO-41 Plastic
1K/Bulk
1N4005G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4006G-A
DO-41 Plastic
5K/Ammo Pack
1N4006G-B
DO-41 Plastic
1K/Bulk
1N4006G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4007G-A
DO-41 Plastic
5K/Ammo Pack
1N4007G-B
DO-41 Plastic
1K/Bulk
1N4007G-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4001GL-T
A-405
5K/Tape & Reel, 13-inch
1N4002GL-T
A-405
5K/Tape & Reel, 13-inch
1N4003GL-T
A-405
5K/Tape & Reel, 13-inch
1N4004GL-T
A-405
5K/Tape & Reel, 13-inch
1N4005GL-T
A-405
5K/Tape & Reel, 13-inch
1N4006GL-T
A-405
5K/Tape & Reel, 13-inch
1N4007GL-T
A-405
5K/Tape & Reel, 13-inch
(Note 5)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Numéro de pièce similaire - 1N4004G-A

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4004G-K TSC-1N4004G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
logo
Frontier Electronics.
1N4004G-LFR FRONTIER-1N4004G-LFR Datasheet
121Kb / 2P
   A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4004G-T DIODES-1N4004G-T Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
1N4004G-T3 WTE-1N4004G-T3 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
1N4004G-TB WTE-1N4004G-TB Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
More results

Description similaire - 1N4004G-A

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
D1G DIODES-D1G Datasheet
59Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. A-2
1N4001G DIODES-1N4001G Datasheet
60Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. D-2
D1G DIODES-D1G_1 Datasheet
350Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
1N4001G DIODES-1N4001G_2 Datasheet
62Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 7 - 2
logo
TAITRON Components Inco...
RL101G TAITRON-RL101G Datasheet
188Kb / 5P
   1.0A Glass Passivated Rectifier
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_12 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
1A1G ZSELEC-1A1G Datasheet
91Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
1N4001G ZSELEC-1N4001G Datasheet
115Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_15 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
1N4001G WTE-1N4001G Datasheet
53Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com