Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC47M10X Fiches technique(PDF) 5 Page - SMSC Corporation

No de pièce LPC47M10X
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M10X Fiches technique(HTML) 5 Page - SMSC Corporation

  LPC47M10X_07 Datasheet HTML 1Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 2Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 3Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 4Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 5Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 6Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 7Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 8Page - SMSC Corporation LPC47M10X_07 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 188 page
background image
Page 5
PIN CONFIGURATION
LPC47M10x
100 PIN QFP
GP40/DRVDEN0
GP41/DRVDEN1
nMTR0
nDSKCHG
nDS0
CLKI32
VSS
nDIR
nSTEP
nWDATA
nWGATE
nHDSEL
nINDEX
nTRK0
nWRTPRT
nRDATA
GP42/nIO_PME
VTR
CLOCKI
LAD0
LAD1
LAD2
LAD3
nLFRAME
nLDRQ
nPCI_RESET
nLPCPD
GP43/DDRC
PCI_CLK
SER_IRQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
nACK
BUSY
PE
SLCT
VSS
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
nSLCTIN
nINIT
VCC
GP37/A20M
GP36/nKBDRST
IRTX2/GP35
IRRX2/GP34
VSS
MCLK
MDAT
KCLK
KDAT
GP33/FAN1
GP32/FAN2
VCC
GP31/FAN_TACH1
GP30/FAN_TACH2
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51


Numéro de pièce similaire - LPC47M10X_07

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results

Description similaire - LPC47M10X_07

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com