Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FDC37M707 Fiches technique(PDF) 6 Page - SMSC Corporation

No de pièce FDC37M707
Description  Super I/O Controller with Wake-Up Features
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M707 Fiches technique(HTML) 6 Page - SMSC Corporation

Back Button FDC37M707_07 Datasheet HTML 2Page - SMSC Corporation FDC37M707_07 Datasheet HTML 3Page - SMSC Corporation FDC37M707_07 Datasheet HTML 4Page - SMSC Corporation FDC37M707_07 Datasheet HTML 5Page - SMSC Corporation FDC37M707_07 Datasheet HTML 6Page - SMSC Corporation FDC37M707_07 Datasheet HTML 7Page - SMSC Corporation FDC37M707_07 Datasheet HTML 8Page - SMSC Corporation FDC37M707_07 Datasheet HTML 9Page - SMSC Corporation FDC37M707_07 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 194 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
PROCESSOR/HOST INTERFACE (36)
45:42,
40:37
System Data Bus
8
SD[0:7]
IO12
31:21
11-bit System Address Bus
11
SA[0:10]
I
20
Chip Select/SA11 (Note 1)
1
nCS/SA11
I
34
Address Enable
1
AEN
I
55
I/O Channel Ready
1
IOCHRDY
OD12
46
ISA Reset Drive
1
RESET_DRV
IS
33
Serial IRQ
1
SER_IRQ
IO12
32
PCI Clock for Serial IRQ (33MHz/30MHz)
1
PCI_CLK
ICLK
48
DMA Request 1
1
DRQ1
O12
50
DMA Request 2
1
DRQ2
O12
52
DMA Request 3/8042 P12
1
DRQ3/P12
O12/IO12
47
DMA Acknowledge 1
1
nDACK1
I
49
DMA Acknowledge 2
1
nDACK2
I
51
DMA Acknowledge 3/8042 P16
1
nDACK3/
P16
I/IO12
54
Terminal Count
1
TC
I
35
I/O Read
1
nIOR
I
36
I/O Write
1
nIOW
I
4
Power Management Event
1
nPME
OD24
6
8042 - P17 (Note 5)
1
P17
IO8
CLOCKS (1)
19
14.318MHz Clock Input
1
CLOCKI
ICLK
INFRARED INTERFACE (2)
61
Infrared Rx
1
IRRX
I
62
Infrared Tx (Note 4)
1
IRTX
O24PD
POWER PINS (8)
53,65,
93
Power
VCC
7,41,
60,76
Ground
VSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn