Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1001 Datasheet(Fiches technique) 1 Page - Diodes Incorporated

Numéro de pièce UF1001
Description  1.0A ULTRA-FAST RECTIFIER
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF1001 Datasheet(HTML) 1 Page - Diodes Incorporated

  UF1001 Datasheet HTML 1Page - Diodes Incorporated UF1001 Datenblatt HTML 2Page - Diodes Incorporated UF1001 Datenblatt HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF1001 - UF1007
1.0A ULTRA-FAST RECTIFIER
Features
Diffused Junction
Ultra-Fast Switching for High Efficiency
Low Reverse Leakage Current
Surge Overload Rating to 30A Peak
IEC 61000-4-2 (ESD - 150pF/330
Ω)
UF1001 – UF1003: Contact: discharge - ±15kV
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
Case: DO-41
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Marking: Type Number
Ordering Information: See Page
Weight: 0.35 grams (approximate)
DO-41
Dim
Min
Max
A
25.40
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
UF
1001
UF
1002
UF
1003
UF
1004
UF
1005
UF
1006
UF
1007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TA = 55°C
(Note 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100°C
IRM
5.0
100
μA
Reverse Recovery Time (Note 3)
trr
50
75
ns
Typical Total Capacitance (Note 2)
CT
20
10
pF
Typical Thermal Resistance Junction to Ambient
RθJA
95
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
5. Short duration pulse test used to minimize self-heating effect.
DS25002 Rev. 11 - 2
1 of 3
www.diodes.com
UF1001 – UF1007
© Diodes Incorporated
SPICE MODELS: UF1001 UF1002 UF1003 UF1004 UF1005 UF1006 UF1007


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
US1A_11.0A SURFACE MOUNT ULTRA-FAST RECTIFIER 1 2 3 Diodes Incorporated
B1201.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
ES1A_1.0A SURFACE MOUNT SUPER-FAST RECTIFIER 1 2 3 Diodes Incorporated
RS1A_11.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 1 2 3 Diodes Incorporated
SFR1020ULTRA-FAST RECOVERY RECTIFIER DIODES 1 2 3 4 Unisonic Technologies
DL4001_11.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
S1A_11.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
DF005S_11.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
SB120_11.0A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn