Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC37C93X Fiches technique(PDF) 5 Page - SMSC Corporation

No de pièce FDC37C93X
Description  Plug and Play Compatible Ultra I/O Controller
Download  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93X Fiches technique(HTML) 5 Page - SMSC Corporation

  FDC37C93X Datasheet HTML 1Page - SMSC Corporation FDC37C93X Datasheet HTML 2Page - SMSC Corporation FDC37C93X Datasheet HTML 3Page - SMSC Corporation FDC37C93X Datasheet HTML 4Page - SMSC Corporation FDC37C93X Datasheet HTML 5Page - SMSC Corporation FDC37C93X Datasheet HTML 6Page - SMSC Corporation FDC37C93X Datasheet HTML 7Page - SMSC Corporation FDC37C93X Datasheet HTML 8Page - SMSC Corporation FDC37C93X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 203 page
background image
5
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER TYPE
PROCESSOR/HOST INTERFACE
72:79
System Data Bus
SD[0:7]
I/O24
41:52
System Address Bus
SA[0:11]
I
53
Chip Select/SA12 (Active Low)(Note 1)
nCS
I
70
Address Enable (DMA master has bus control)
AEN
I
90
I/O Channel Ready
IOCHRDY
OD24
80
Reset Drive
RESET_DRV
IS
67:61,
59:54
Interrupt Requests [1,3:12,14,15]
(Polarity control for IRQ8)
IRQ[1,3:12,
14,15]
OD24
82,84,
86,88
DMA Requests
DRQ[0:3]
O24
81,83,
85,87
DMA Acknowledge
nDACK[0:3]
I
89
Terminal Count
TC
I
68
I/O Read
nIOR
I
69
I/O Write
nIOW
I
35
Serial Clock Out (24 MHz)
24CLK
08SR
36
16 MHz Out
16CLK
08SR
22
14.318MHz Clock Input
CLOCKI
ICLK
37
14.318MHz Clock Output 1
CLKO1
O16SR
38
14.318MHz Clock Output 2
CLKO2
08SR
39
14.318MHz Clock Output 3
CLKO3
08SR
POWER PINS
21, 60,
101, 125,
139
+5V Supply Voltage
VCC
1, 8, 40,
71, 95,
123, 130
Ground
GND
FDD INTERFACE
17
Read Disk Data
nRDATA
IS
12
Write Gate
nWGATE
OD48
11
Write Disk Data
nWDATA
OD48


Numéro de pièce similaire - FDC37C93X

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
   Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
More results

Description similaire - FDC37C93X

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
   Plug and Play Compatible Ultra I/O Controller with Fast IR
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
   Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
logo
List of Unclassifed Man...
M5123 ETC1-M5123 Datasheet
499Kb / 121P
   Mega I/O Controller with Plug & Play
logo
National Semiconductor ...
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
   SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com