Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF530N Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce IRF530N
Description  N-channel TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF530N Fiches technique(HTML) 5 Page - NXP Semiconductors

  IRF530N Datasheet HTML 1Page - NXP Semiconductors IRF530N Datasheet HTML 2Page - NXP Semiconductors IRF530N Datasheet HTML 3Page - NXP Semiconductors IRF530N Datasheet HTML 4Page - NXP Semiconductors IRF530N Datasheet HTML 5Page - NXP Semiconductors IRF530N Datasheet HTML 6Page - NXP Semiconductors IRF530N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF530N
Fig.13. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.14. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tAV);
unclamped inductive load
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Source-Drain Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
175 C
VGS = 0 V
0.1
1
10
100
0.001
0.01
0.1
1
10
Avalanche time, tAV (ms)
Maximum Avalanche Current, IAS (A)
Tj prior to avalanche = 150 C
25 C
August 1999
5
Rev 1.100


Numéro de pièce similaire - IRF530N

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
logo
Inchange Semiconductor ...
IRF530N ISC-IRF530N Datasheet
286Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF530NL IRF-IRF530NL Datasheet
618Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF530NL KERSEMI-IRF530NL Datasheet
1Mb / 10P
   Ultra Low On-Resistance
More results

Description similaire - IRF530N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com