Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GBJ25005 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce GBJ25005
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBJ25005 Fiches technique(HTML) 1 Page - Diodes Incorporated

  GBJ25005_1 Datasheet HTML 1Page - Diodes Incorporated GBJ25005_1 Datasheet HTML 2Page - Diodes Incorporated GBJ25005_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS21221 Rev. 7 - 2
1 of 3
GBJ25005 - GBJ2510
www.diodes.com
ã Diodes Incorporated
Features
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 350A Peak
·
Ideal for Printed Circuit Board Applications
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Lead Free Finish/RoHS Compliant (Note 4)
GBJ25005 - GBJ2510
25A GLASS PASSIVATED BRIDGE RECTIFIER
·
Case: GBJ
·
Case Material: Molded Plastic. UL Flammability
Classification 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Plated Leads, Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Tin Finish).
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Marking: Type Number
·
Weight: 6.6 grams (approximate)
Mechanical Data
GBJ
Dim
Min
Max
A
29.70
30.30
B
19.70
20.30
C
17.00
18.00
D
3.80
4.20
E
7.30
7.70
G
9.80
10.20
H
2.00
2.40
I
0.90
1.10
J
2.30
2.70
K
3.0 X 45°
L
4.40
4.80
M
3.40
3.80
N
3.10
3.40
P
2.50
2.90
R
0.60
0.80
S
10.80
11.20
All Dimensions in mm
_
B
C
D
EE
G
H
K
J
I
L
M
N
P
R
S
A
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 220 x 220 x 1.6mm aluminum plate heat sink.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
Characteristic
Symbol
GBJ
25005
GBJ
2501
GBJ
2502
GBJ
2504
GBJ
2506
GBJ
2508
GBJ
2510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current
(Note 1)
@ TC = 100°C
IO
25
A
Non-Repetitive Peak Forward Surge Current 8.3 ms
single half sine-wave superimposed on rated load
IFSM
350
A
Forward Voltage (per element)
@ IF = 12.5A
VFM
1.05
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
510
A2s
Typical Total Capacitance (per element) (Note 2)
CT
85
pF
Typical Thermal Resistance Junction to Case (Note 3)
RqJC
0.6
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
SPICE MODEL: GBJ2510


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GBPC25005_1 25A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ4005G_1 4.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBJ6005G_1 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC15005_1 15A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBPC35005_1 35A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
B40C800DM Glass Passivated Ultrafast Bridge Rectifier 1  2  3  4  Vishay Siliconix
GBJ6005 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBJ8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
DF005S_1 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated