Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAZ16-13-F Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce SMAZ16-13-F
Description  1.0W SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ16-13-F Fiches technique(HTML) 1 Page - Diodes Incorporated

  SMAZ16-13-F Datasheet HTML 1Page - Diodes Incorporated SMAZ16-13-F Datasheet HTML 2Page - Diodes Incorporated SMAZ16-13-F Datasheet HTML 3Page - Diodes Incorporated SMAZ16-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS18015 Rev. 14 - 2
1 of 4
SMAZ5V1 - SMAZ39
www.diodes.com
ã Diodes Incorporated
SMAZ5V1 - SMAZ39
1.0W SURFACE MOUNT ZENER DIODE
·
1.0W Power Dissipation
·
Ideally Suited for Automatic Assembly
·
5.1V - 39V Nominal Zener Voltage Range
·
Standard VZ Tolerance is ± 5%
·
Lead Free Finish/RoHS Compliant (Note 2)
Features
Maximum Ratings @TA = 25°C unless otherwise specified
·
Case: SMA
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Marking: Marking & Date Code (See Page 2)
·
Ordering Information: See Page 2
·
Polarity: Cathode Notch or Cathode Band
·
Weight: 0.064 grams (approximate)
Mechanical Data
A
B
C
D
G
H
E
J
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZM
Pd / VZ
mA
Forward Voltage
@IF = 200mA
VF
1.2
V
Power Dissipation
@TA = 50°C
Derate Above 50°C (Note 1)
Pd
1.0
8.0
W
mW/°C
Typical Thermal Resistance - Junction to Terminal (Note 1)
RqJT
30
°C/W
Typical Thermal Resistance - Junction to Ambient (Note 1)
RqJA
125
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: SMAZ5V1 SMAZ5V6 SMAZ6V2 SMAZ6V8 SMAZ7V5 SMAZ8V2 SMAZ9V1 SMAZ10 SMAZ12 SMAZ15 SMAZ16 SMAZ18 SMAZ20 SMAZ24
SMAZ27 SMAZ30 SMAZ33 SMAZ36 SMAZ39


Numéro de pièce similaire - SMAZ16-13-F

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results

Description similaire - SMAZ16-13-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com