Moteur de recherche de fiches techniques de composants électroniques |
|
ES3AB-13-F Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
ES3AB-13-F Fiches technique(HTML) 2 Page - Diodes Incorporated |
2 / 3 page DS14003 Rev. 10 - 2 2 of 3 ES3A/AB - ES3D/DB www.diodes.com 0 20 40 60 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Surge Current Derating Curve Single Half-Sine-Wave (JEDEC Method) 80 100 120 1.0 10 100 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig.4 Typical Reverse Characteristics T= 125 C j ° T= 25 C j ° 1000 2.0 4.0 25 75 100 50 125 150 175 T , TERMINAL TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve T ° 6.0 8.0 50V DC Approx Oscilloscope (Note 1) Pulse Generator (Note 2) Device Under Test t rr Set time base for 50/100 ns/cm +0.5A 0A -0.25A -1.0A Fig. 5 Reverse Recovery Time Characteristic and Test Circuit (+) (+) (-) (-) 0.01 0.1 1.0 10 0 0.4 0.8 1.2 1.6 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F |
Numéro de pièce similaire - ES3AB-13-F |
|
Description similaire - ES3AB-13-F |