Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC807-16 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BC807-16
Description  PNP SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC807-16 Fiches technique(HTML) 1 Page - Diodes Incorporated

  BC807-16 Datasheet HTML 1Page - Diodes Incorporated BC807-16 Datasheet HTML 2Page - Diodes Incorporated BC807-16 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC807-16/ -25/ -40
PNP SURFACE MOUNT TRANSISTOR
Features
Ideally Suited for Automatic Insertion
Epitaxial Planar Die Construction
For Switching, AF Driver and Amplifier Applications
Complementary NPN Types Available (BC817)
Lead Free/RoHS Compliant (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe)
Pin Connections: See Diagram
Ordering Information: See Page 3
Marking Information: See Page 3
- BC807-16 5A, K5A
- BC807-25 5B, K5B
- BC807-40 5C, K5C
Weight: 0.008 grams (approximate)
C
E
B
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-500
mA
Peak Collector Current
ICM
-1000
mA
Peak Emitter Current
IEM
-1000
mA
Power Dissipation at TSB = 50°C (Note 1)
Pd
310
mW
Thermal Resistance, Junction to Substrate Backside (Note 1)
RθJSB
B
320
°C/W
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
403
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic (Note 2)
Symbol
Min
Typ
Max
Unit
Test Condition
DC Current Gain
Current Gain Group -16
-25
-40
Current Gain Group -16
-25
-40
hFE
100
160
250
60
100
170
250
400
600
VCE = 1.0V, IC = 100mA
VCE = 1.0V, IC = 300mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.7
V
IC = 500mA, IB = 50mA
B
Base-Emitter Voltage
VBE
-1.2
V
VCE = 1.0V, IC = 300mA
Collector-Emitter Cutoff Current
ICES
-100
-5.0
nA
µA
VCE = 45V
VCE = 25V, Tj = 150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = 4.0V
DS11208 Rev. 15 - 2
1 of 3
www.diodes.com
BC807-16/-25/-40
© Diodes Incorporated
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 50MHz
Collector-Base Capacitance
CCBO
12
pF
VCB = 10V, f = 1.0MHz
Notes:
1.
Device mounted on ceramic substrate 0.7mm; 2.5cm
2 area.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead.
SPICE MODELS: BC807-16 BC807-25 BC807-40


Numéro de pièce similaire - BC807-16

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Pan Jit International I...
BC807-16 PANJIT-BC807-16 Datasheet
481Kb / 3P
   PNP GENERAL PURPOSE TRANSISTORS
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Tiger Electronic Co.,Lt...
BC807-16 TGS-BC807-16 Datasheet
1Mb / 3P
   TRANSISTOR (PNP)
More results

Description similaire - BC807-16

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com