Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7533 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce AD7533
Description  10-Bit Multiplying D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7533 Fiches technique(HTML) 3 Page - Intersil Corporation

  AD7533 Datasheet HTML 1Page - Intersil Corporation AD7533 Datasheet HTML 2Page - Intersil Corporation AD7533 Datasheet HTML 3Page - Intersil Corporation AD7533 Datasheet HTML 4Page - Intersil Corporation AD7533 Datasheet HTML 5Page - Intersil Corporation AD7533 Datasheet HTML 6Page - Intersil Corporation AD7533 Datasheet HTML 7Page - Intersil Corporation AD7533 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Definition of Terms
Nonlinearity: Error contributed by deviation of the DAC
transfer function from a “best straight line” through the actual
plot of transfer function. Normally expressed as a
percentage of full scale range or in (sub)multiples of 1 LSB.
Resolution: It is addressing the smallest distinct analog
output change that a D/A converter can produce. It is
commonly expressed as the number of converter bits. A
converter with resolution of n bits can resolve output changes
of 2-N of the full-scale range, e.g., 2-N VREF for a unipolar
conversion. Resolution by no means implies linearity.
Settling Time: Time required for the output of a DAC to
settle to within specified error band around its final value
(e.g., 1/2 LSB) for a given digital input change, i.e., all digital
inputs LOW to HIGH and HIGH to LOW.
Gain Error: The difference between actual and ideal analog
output values at full-scale range, i.e., all digital inputs at
HIGH state. It is expressed as a percentage of full scale
range or in (sub)multiples of 1 LSB.
Feedthrough Error: Error caused by capacitive coupling
from VREF to IOUT1 with all digital inputs LOW.
Output Capacitance: Capacitance from IOUT1, and IOUT2
terminals to ground.
Output Leakage Current: Current which appears on
IOUT1, terminal when all digital inputs are LOW or on IOUT2
terminal when all digital inputs are HIGH.
For further information on the use of this device, see the
following Application Notes:
Detailed Description
The AD7533 is a monolithic multiplying D/A converter. A
highly stable thin film R-2R resistor ladder network and
NMOS SPDT switches form the basis of the converter
circuit, CMOS level shifters permit low power TTL/CMOS
ANALOG OUTPUT
Output Capacitance
COUT1 All Digital Inputs High (Note 4)
-
100
-
100
pF
COUT2
-35-35
pF
COUT1 All Digital Inputs Low (Note 4)
-
35
-
35
pF
COUT2
-
100
-
100
pF
DIGITAL INPUTS
Low State Threshold, VIL
-0.8
-0.8
V
High State Threshold, VIH
2.4
-
2.4
-
V
Input Current (Low or High), IIL, IIH
VIN = 0V or + 15V
-
±1-
±1
µA
Input Coding
See Tables 1 through 3
Binary/Offset Binary
Input Capacitance
(Note 4)
-
4
-
4
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Voltage Range
(Note 6)
+5 to +16
V
I+
All Digital Inputs High or Low (Excluding Ladder Network)
-
2
-
2.5
mA
NOTES:
2. Full Scale Range (FSR) is 10V for unipolar and
±10V for bipolar modes.
3. Using internal feedback resistor, RFEEDBACK.
4. Guaranteed by design or characterization and not production tested.
5. Accuracy not guaranteed unless outputs at ground potential.
6. Accuracy is tested and guaranteed at V+ = +15V, only.
Electrical Specifications
V+ = +15V, VREF = +10V, VOUT1 = VOUT2 = 0V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TA 25
oCT
A MIN-MAX
UNITS
MIN
MAX
MIN
MAX
Application Notes
NOTE #
DESCRIPTION
AN002
“Principles of Data Acquisition and Conversion”
AN018
“Do’s and Don’ts of Applying A/D Converters”
AN042
“Interpretation of Data Conversion Accuracy
Specifications”
AD7533


Numéro de pièce similaire - AD7533

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
99Kb / 9P
   8-Bit, Multiplying D/A Converters
August 1997
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
More results

Description similaire - AD7533

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD7522 AD-AD7522_15 Datasheet
2Mb / 6P
   CMOS 10 BIT SUFFERED MULTIPLYING D/A CONVERTER
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com