Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3310 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce CA3310
Description  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310 Fiches technique(HTML) 2 Page - Intersil Corporation

  CA3310 Datasheet HTML 1Page - Intersil Corporation CA3310 Datasheet HTML 2Page - Intersil Corporation CA3310 Datasheet HTML 3Page - Intersil Corporation CA3310 Datasheet HTML 4Page - Intersil Corporation CA3310 Datasheet HTML 5Page - Intersil Corporation CA3310 Datasheet HTML 6Page - Intersil Corporation CA3310 Datasheet HTML 7Page - Intersil Corporation CA3310 Datasheet HTML 8Page - Intersil Corporation CA3310 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Functional Block Diagram
16C
8C
4C
2C
C
16C
8C
4C
2C
C
C
32
31
C
VDD
VSS
VIN
VREF+
VAA+
VAA-
VREF -
ALL
LOGIC
50Þ
SUBSTRATE
RESISTANCE
10-BIT
SUCCESSIVE
APPROXIMATION
REGISTER
10-BIT
EDGE
TRIGGERED
“D”
LATCH
CONTROL
AND
TIMING
CLOCK
CLK
CLR
Q
STRT
REXT
CLK
DRDY
DRST
OEM
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
OEL
CA3310, CA3310A


Numéro de pièce similaire - CA3310

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310A INTERSIL-CA3310A Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310AD INTERSIL-CA3310AD Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310AE INTERSIL-CA3310AE Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310AM INTERSIL-CA3310AM Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
More results

Description similaire - CA3310

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com