Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1184T5-50L-U Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce AP1184T5-50L-U
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184T5-50L-U Fiches technique(HTML) 5 Page - Diodes Incorporated

  AP1184T5-50L-U Datasheet HTML 1Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 2Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 3Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 4Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 5Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 6Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 7Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 8Page - Diodes Incorporated AP1184T5-50L-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
5 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Continued )
Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and Tj = 0 to 150
oC. Typical value refer to TA = 25oC.
Vout = Vsense.
Sym.
Parameter
Test Condition
Min. Typ. Max. Unit
I adj
Adjust Pin Current
Vctrl = 2.75V, Vin = 2.05,Vadjj = 0
50
150
µA
θJA Thermal Resistance
Junction-to-Ambient
TO263-3L: Control Circuitry/Power Transistor (Note 4)
TO220-3L: Control Circuitry/Power Transistor (Note 4)
SOP-8L: Control Circuitry/Power Transistor (Note 5)
23
15
118
OC/W
OC/W
OC/W
θJC Thermal Resistance
Junction-to-Case
TO263-3L: Control Circuitry/Power Transistor (Note 4)
TO220-3L: Control Circuitry/Power Transistor (Note 4)
SOP-8L: Control Circuitry/Power Transistor (Note 5)
3.5
2.5
5.4
OC/W
OC/W
OC/W
Note:
3. AP1184-ADJ incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable maximum
junction temperature.
4. Test conditions for TO263-3L and TO220-3L: with copper area of approximately 3in
2, 1oz.
5. Test conditions for SOP-8L: mounted on 2oz. copper, minimum recommended pad layout, FR-4 PCB.
Package
Max Pd.
Remarks
TO263-3L/TO220-3L 2.4W~4.4W
With heat sink or amount of copper board needed.
SOP-8L
1W~2W
With heat sink or amount of copper board needed.
Functional Descriptions
Introduction
The AP1184 regulator is a 5 terminal device designed specifically to provide extremely low dropout voltages comparable to the
PNP type without the disadvantage of the extra power dissipation due to the base current associated with PNP regulators. This is done
by bringing out the control pin of the regulator that provides the base current to the power NPN and connecting it to a voltage that is
greater than the voltage present at the
Vin pin. This flexibility makes the AP1184 ideal for applications where dual inputs are available
such as a computer motherboard with an ATX style power supply that provides 5V and 3.3V to the board. One such application is the
new graphic chip sets that require anywhere from 2.4V to 2.7V supply. The AP1184 can easily be programmed with the addition of two
external resistors to any voltages within the range of 1.25V to 15.5V. Another major requirement of these graphic chips is the need to
switch the load current from zero to several amps in tens of nanoseconds at the processor pins, which translates to an approximately 300
to 500ns of current step at the regulator. In addition, the output voltage tolerances are also extremely tight and they include the transient
response as part of the specification.
The AP1184 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage,
reducing the overall system cost with the need for fewer number of output capacitors. Another feature of the device is its true remote
sensing capability that allows accurate voltage setting at the load rather than at the device.
Output Voltage Setting
The AP1184-ADJ can be programmed to any voltages in the range of 1.25V to 15.5V with the addition of R1 and R2 external
resistors according to the following formula:


Numéro de pièce similaire - AP1184T5-50L-U

FabricantNo de pièceFiches techniqueDescription
logo
Anachip Corp
AP1184T5 ANACHIP-AP1184T5 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184T5 DIODES-AP1184T5 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
Anachip Corp
AP1184T515 ANACHIP-AP1184T515 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184T515A ANACHIP-AP1184T515A Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184T515L ANACHIP-AP1184T515L Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Description similaire - AP1184T5-50L-U

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com