Moteur de recherche de fiches techniques de composants électroniques |
|
AP1186K5-L-13 Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
AP1186K5-L-13 Fiches technique(HTML) 3 Page - Diodes Incorporated |
3 / 9 page AP1186 1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR AP1186 Rev. 1 3 of 9 MARCH 2007 www.diodes.com © Diodes Incorporated Absolute Maximum Ratings Symbol Parameter Rating Unit Vin Input Voltage 16 V Vctrl Control Input Voltage 18 V PD Power Dissipation Internally Limited TST Storage Temperature -65 to +150 oC TOP Operating Junction Temperature Range 0 to +150 oC Electrical Characteristics Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and TJ = 0 to 150 oC. Typical value refers to TA = 25 oC. Vout = Vsense. SYM. Parameter Test Condition Min. Typ. Max. Unit VREF Reference Voltage AP1186-Adj TA = 25 oC,(V IN-VOUT) = 0.5V,IO = 10mA Vctrl = VIN+1V 1.225 1.250 1.275 V AP1186-1.5 IOUT = 10mA, TA = 25 oC, 2V≦V IN≦12V Vctrl = VIN+1V 1.470 1.500 1.530 AP1186-1.8 IOUT = 10mA, TA = 25 oC, 2.3V≦V IN≦12V Vctrl = VIN+1V 1.764 1.800 1.836 AP1186-2.5 IOUT = 10mA, TA = 25 oC, 3V≦V IN≦12V Vctrl = VIN+1V 2.450 2.500 2.550 AP1186-3.3 IOUT = 10mA, TA = 25 oC, 3.8V≦V IN≦12V Vctrl = VIN+1V 3.235 3.300 3.365 Vout Output Voltage AP1186-5.0 IOUT = 10mA, TA = 25 oC, 5.5V≦V IN≦12V Vctrl = VIN+1V 4.900 5.000 5.100 V Line Regulation AP1186-XXX IO = 10mA, VOUT+0.5V<VIN<12V Vctrl = VIN+1V 0.2 % AP1186-Adj 0mA<Io<1.5A, TA=25 oC (VIN – VOUT) = 2V, Vctrl = VIN + 1V 1 % AP1186-1.5 VIN = 3V, 0mA<Io<1.5A, TA = 25 oC Vctrl = 4V 12 15 mV AP1186-1.8 VIN = 3.3V, 0mA<Io<1.5A, TA = 25 oC Vctrl = 4.3V 15 18 mV AP1186-2.5 VIN = 4V, 0mA<Io<1.5A, TA = 25 oC Vctrl = 5V 20 25 mV AP1186-3.3 VIN = 5V, 0≦IOUT≦1.5A, TA = 25 oC , TA= 25 oC V ctrl = 6V 26 33 mV Load Regulation AP1186-5.0 VIN = 8V, 0≦IOUT≦1.5A, TA= 25 oC , TA= 25 oC V ctrl = 9V 40 50 mV Dropout Voltage (Vctrl-Vout) Vadj = 0V for all conditions below. Vin = 2.05V, Io = 1.5A 1.23 V Dropout Voltage (Vin-Vout) Vadj = 0V for all conditions below. Vctrl = 3V, Io = 1.5A 0.26 0.38 V Current Limit Vctrl = 3V, Vin = 2.05V, ∆Vo = 100mV, Vadj = 0V 1.6 A Minimum Load Current Vctrl = 5V, Vin = 3.3V, Vadj = 0V 5 10 mA |
Numéro de pièce similaire - AP1186K5-L-13 |
|
Description similaire - AP1186K5-L-13 |