Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-2016-3 Fiches technique(PDF) 5 Page - SIRENZA MICRODEVICES

No de pièce STQ-2016-3
Description  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRENZA [SIRENZA MICRODEVICES]
Site Internet  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-2016-3 Fiches technique(HTML) 5 Page - SIRENZA MICRODEVICES

  STQ-2016-3 Datasheet HTML 1Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 2Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 3Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 4Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 5Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 6Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 7Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 8Page - SIRENZA MICRODEVICES STQ-2016-3 Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
5
EDS-104229 Rev B
STQ-2016-3 Direct Quadrature Modulator
Typical Device Performance Graphs
6
4
20
2
4
6
8
158
156
154
152
150
I/Q Drive = 1 Vpp, Diff.
I/Q Drive = 2 Vpp, Diff.
I/Q Drive = 3 Vpp, Diff.
I/Q Drive = 4 Vpp, Diff.
LO Drive Level (dBm)
6
4
20
2
4
6
8
15 8
15 6
15 4
15 2
15 0
I/Q Drive = 1 V pp, Diff.
I/Q Drive = 2 V pp, Diff.
I/Q Drive = 3 V pp, Diff.
I/Q Drive = 4 V pp, Diff.
LO Drive L evel (d Bm)
1
1.5
2
2.5
3
3.5
4
15 8
15 6
15 4
15 2
15 0
LO D rive = -5 dBm
LO D rive = -2 dBm
LO D rive = -1 dBm
LO D rive = +4 dB m
LO D rive = +7 dB m
IQ Drive Level (V pp, Diff.)
4.7
4.8
4.9
5
5.1
5.2
158
157.5
157
156.5
156
I/Q Drive = 1.5 Vpp, Diff.
I/Q Drive = 1.7 Vpp, Diff.
I/Q Drive = 1.9 Vpp, Diff.
Vcc (Vdc)
1.4
1.5
1.6
1.7
1.8
1.9
158
157.5
157
156.5
156
Vcc = 4.75 V
Vcc = 5.00 V
Vcc = 5.25 V
IQ Drive Level (Vpp, Diff.)
50
0
50
100
158
157.5
157
156.5
156
I/Q Drive = 1.5 Vpp, Diff.
I/Q Drive = 1.7 Vpp, Diff.
I/Q Drive = 1.9 Vpp, Diff.
Temperature (Deg. C)
1.4
1.5
1.6
1.7
1.8
1.9
158
157.5
157
156.5
156
Temp = -40 De g. C
Temp = +25 De g. C
Temp = +85 De g. C
IQ Drive Level (Vpp, Diff.)
Baseband Signal: W-CDMA Test Model 1 w/ 64 DPCH,
Peak-to-Average Ratio = 10.54
Figure 5. Broadband Noise Floor (60 MHz Offset) Vs.
Temperature, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 6. Broadband Noise Floor (60 MHz Offset) Vs. I/Q Drive
Level, over Temperature, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 3. Broadband Noise Floor (60 MHz Offset) Vs.
Vcc, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 4. Broadband Noise Floor (60 MHz Offset) Vs. I/Q Drive
Level, over Vcc Range, LO Drive = +4.0 dBm @ 2140 MHz.
Figure 2. Broadband Noise Floor (60 MHz Offset) Vs. I/Q
Drive Level, LO Frequency = 2140 MHz.
Figure 1. Broadband Noise Floor (60 MHz Offset) Vs. LO
Drive Level, LO Frequency = 2140 MHz.
Broadband Noise Floor


Numéro de pièce similaire - STQ-2016-3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z ETC1-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Description similaire - STQ-2016-3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com