Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016Z Fiches technique(PDF) 1 Page - SIRENZA MICRODEVICES

No de pièce STQ-1016Z
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRENZA [SIRENZA MICRODEVICES]
Site Internet  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-1016Z Fiches technique(HTML) 1 Page - SIRENZA MICRODEVICES

  STQ-1016Z Datasheet HTML 1Page - SIRENZA MICRODEVICES STQ-1016Z Datasheet HTML 2Page - SIRENZA MICRODEVICES STQ-1016Z Datasheet HTML 3Page - SIRENZA MICRODEVICES STQ-1016Z Datasheet HTML 4Page - SIRENZA MICRODEVICES STQ-1016Z Datasheet HTML 5Page - SIRENZA MICRODEVICES STQ-1016Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems and/or components and reflect the approximate performance of the products as measured by
those tests. Any difference in circuit implementation, test software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza Microdevices assumes no responsibility for
the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and
conditions of sale for Sirenza's limited warranty with regard to its products. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product
for use in life-support devices and/or systems. Copyright 2004 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
1
EDS-102531 Rev C
The Sirenza Microdevices’ STQ-1016 is a direct quadrature modulator targeted for
use in a wide range of communications systems, including cellular/PCS, GSM,
CDMA, TETRA, and ISM datacom. This device features a wide 250 - 1000 MHz
operating frequency band, excellent carrier and sideband suppression, and a low
broadband noise floor.
The STQ-1016 uses silicon germanium (SiGe) device technology and delivers a
typical output power of -9 dBm with greater than 60dB IM3 suppression. A digital
input shut-down feature is included that, when enabled, attenuates the output by
60dB. The device is packaged in an industry standard 16 pin TSSOP with
exposed paddle for superb RF and thermal ground.
The matte tin finish on Sirenza’s lead-free package utilizes a post annealing
process to mitigate tin whisker formation and is RoHS compliant per EU directive
2002/95. This package is also manufactured with green molding compounds that
contain no antimony trioxide nor halogenated fire retardants.
Functional Block Diagram
STQ-1016
Product Features
Applications
Available in Lead Free, RoHS compliant, and
Green packaging
Excellent carrier feedthrough, -38 dBm constant
over output power
Output P1dB +5dBm
Very low noise floor, -154 dBm/Hz typical
Wide baseband input, DC - 500 MHz
Superb phase accuracy and amplitude balance,
±0.5 deg./±0.2 dB
Low LO drive requirement, -5 dBm
Cellular/PCS/GSM/CDMA transceivers
TETRA
GMSK, QPSK, QAM, SSB modulators
Product Description
16 pin TSSOP with Exposed Ground Pad
Package Footprint: 0.197 x 0.252 inches, (5.0 x 6.4 mm)
Package Height: 0.039 inches (1.0 mm)
Product Specifications – RF Output: TA = 25ºC
Parameters
Test Conditions (see page 2)
Units
Min.
Typ.
Max.
RF Frequency Range
MHz
250
1000
Output Power
(baseband input level 600 mVp-p differential)
dBm
-12.0
-9
-7
RF Port Return Loss
matched to 50
Ω using schematic shown on page 5
dB
>10, 250 to 1000 MHz
>15, 275 to 500 MHz
Output P1dB
(baseband input level 3.8Vp-p differential typical)
dBm
+3
+6
Carrier Feedthrough
dBm
-38
-30
Sideband Suppression
dB
34
42
IM3 Suppression
2-tone BB input @ 600mVp-p diff. per tone, 20kHz spacing
dB
58
62
Broadband Noise Floor
baseband inputs tied to 1.9VDC, -20MHz offset from carrier dBm/Hz
-154
-150*
Quadrature Phase Error
deg
-2
±0.5
+2
I/Q Amplitude Balance
dB
-0.2
±0.05
+0.2
Supply Voltage (Vcc)
V
+4.75
+5
+5.25
Supply Current
mA
80
86
Device Thermal Resistance junction-case
ºC/W
25
*Guaranteed by design
STQ-1016Z
Pb
RoHS Compliant
&
Package
Green
250 - 1000 MHz
Direct Quadrature Modulator
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBQN
RFP
RFN
BBIN
BBQP
LOP
LON
BBIP
LO
QUADRATURE
GENERATOR
VCC
VEE
VEE
VCC
SD
VEE
VEE
VCC


Numéro de pièce similaire - STQ-1016Z

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
More results

Description similaire - STQ-1016Z

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com