Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016 Fiches technique(PDF) 6 Page - SIRENZA MICRODEVICES

No de pièce STQ-1016
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRENZA [SIRENZA MICRODEVICES]
Site Internet  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-1016 Fiches technique(HTML) 6 Page - SIRENZA MICRODEVICES

  STQ-1016 Datasheet HTML 1Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 2Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 3Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 4Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 5Page - SIRENZA MICRODEVICES STQ-1016 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
6
EDS-102531 Rev C
STQ-1016 Direct Quadrature Modulator
LO
Match
0
90
0
90
LO-
BB Q+
BB I-
LO+
RF
Match
+
VOC M
-
VC C
50
50
2K
2K
499
499
-4dBm
LO
RF+
RF-
RF out
50
5.11K
5.11K
10K
24.9
BBI
BBQ
+
VOC M
-
VC C
50
50
2K
2K
499
499
50
5.11K
5.11K
10K
24.9
1K
1K
VC C
VC C
STQ-1016
D C levels for BBIN , BBIP, BBQN ,
BBQP are 1.9V nom inal. The offset
required to null carrier feedthrough is
typically < 20m V.
600m V p-p differential
600m V p-p differential
+5V
200kH z sine
145m V am plitude
0 degree phase
200kH z sine
145m V am plitude
+ 90 degree phase
- for interm odulation tests,
synthesizer set for 200kH z
and 220kH z sine outputs on
I and Q channels
BB I+
BB Q-
AD 8138
AD 8138
Direct Quadrature Modulator: General Test Set-Up


Numéro de pièce similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
More results

Description similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com