Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICL7650SCPA-1 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ICL7650SCPA-1
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7650SCPA-1 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ICL7650SCPA-1 Datasheet HTML 5Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 6Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 7Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 8Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 9Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 10Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 11Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 12Page - Intersil Corporation ICL7650SCPA-1 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN2920.10
April 12, 2007
FIGURE 13. INPUT OFFSET VOLTAGE CHANGE vs SUPPLY
VOLTAGE
FIGURE 14. INPUT OFFSET VOLTAGE vs CHOPPING
FREQUENCY
FIGURE 15. OUTPUT WITH ZERO INPUT; GAIN = 1000;
BALANCED SOURCE IMPEDANCE = 10k
Ω
FIGURE 16. OPEN LOOP GAIN AND PHASE SHIFT vs
FREQUENCY
Typical Performance Curves (Continued)
TOTAL SUPPLY VOLTAGE (V)
3
2
1
0
-1
-2
-3
46
8
10
12
14
16
CHOPPING FREQUENCY - CLOCK OUT (Hz)
8
6
4
2
10
100
1k
10k
0
TIME (ms)
20
0
20
123456789
FREQUENCY (Hz)
160
140
120
100
80
60
40
0.01
0.1
1
10
100
1k
10k
100k
130
110
90
70
50
20
RL = 10kΩ
CEXT = 0.1μF


Numéro de pièce similaire - ICL7650SCPA-1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ICL7650SCPA-1 INTERSIL-ICL7650SCPA-1 Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCPA-1 INTERSIL-ICL7650SCPA-1 Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Renesas Technology Corp
ICL7650SCPA-1 RENESAS-ICL7650SCPA-1 Datasheet
617Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Intersil Corporation
ICL7650SCPA-1Z INTERSIL-ICL7650SCPA-1Z Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Renesas Technology Corp
ICL7650SCPA-1Z RENESAS-ICL7650SCPA-1Z Datasheet
617Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
More results

Description similaire - ICL7650SCPA-1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Renesas Technology Corp
ICL7650S RENESAS-ICL7650S Datasheet
617Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com