Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA733MJ Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UA733MJ
Description  DIFFERENTIAL VIDEO AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA733MJ Fiches technique(HTML) 4 Page - Texas Instruments

  UA733MJ Datasheet HTML 1Page - Texas Instruments UA733MJ Datasheet HTML 2Page - Texas Instruments UA733MJ Datasheet HTML 3Page - Texas Instruments UA733MJ Datasheet HTML 4Page - Texas Instruments UA733MJ Datasheet HTML 5Page - Texas Instruments UA733MJ Datasheet HTML 6Page - Texas Instruments UA733MJ Datasheet HTML 7Page - Texas Instruments UA733MJ Datasheet HTML 8Page - Texas Instruments UA733MJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
The
and no longer supplied.
mA733M is obsolete
mA733C, mA733M
DIFFERENTIAL VIDEO AMPLIFIERS
SLFS027B − NOVEMBER 1970 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±6 V, TA = 25°C
PARAMETER
FIGURE
TEST CONDITIONS
GAIN
mA733C
mA733M
UNIT
PARAMETER
FIGURE
TEST CONDITIONS
GAIN
OPTION†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Large-signal
differential
1
250
400
600
300
400
500
AVD
Large-signal
differential
voltage
1
VOD = 1 V
2
80
100
120
90
100
110
V/ V
AVD
voltage
amplification
1
VOD = 1 V
3
8
10
12
9
10
11
V/ V
1
50
50
BW
Bandwidth
2
RS = 50 Ω
2
90
90
MHz
BW
Bandwidth
2
RS = 50 Ω
3
200
200
MHz
IIO
Input offset
current
Any
0.4
5
0.4
3
µA
IIB
Input bias current
Any
9
30
9
20
µA
VICR
Common-mode
input voltage
range
1
Any
±1
±1
V
VOC
Common-mode
output voltage
1
Any
2.4
2.9
3.4
2.4
2.9
3.4
V
VOO
Output offset
1
1
0.6
1.5
0.6
1.5
V
VOO
Output offset
voltage
1
2 & 3
0.35
1.5
0.35
1
V
VOPP
Maximum peak-
to-peak output
voltage swing
1
Any
3
4.7
3
4.7
V
1
4
4
ri
Input resistance
3
VOD ≤ 1 V
2
10
24
20
24
k
ri
Input resistance
3
VOD ≤ 1 V
3
250
250
k
ro
Output resistance
20
20
Ci
Input capacitance
3
VOD ≤ 1 V
2
2
2
pF
CMRR
Common-mode
4
VIC = ±1 V,
f
≤ 100 kHz
2
60
86
60
86
dB
CMRR
Common-mode
rejection ration
4
VIC = ±1 V,
f = 5 MHz
2
70
70
dB
kSVR
Supply voltage
rejection ratio
(
∆VCC/(∆VIO)
1
∆VCC± = ±0.5 V
2
50
70
50
70
dB
Vn
Broadband
equivalent input
noise voltage
5
BW = 1 kHz to 10 MHz
Any
12
12
µV
Propagation
RS = 50 Ω,
1
7.5
7.5
tpd
Propagation
delay time
2
RS = 50 Ω,
Output voltage
step = 1 V
2
6.0
10
6.0
10
ns
tpd
delay time
2
Output voltage
step = 1 V
3
3.6
3.6
ns
RS = 50 Ω,
1
10.5
10.5
tr
Rise time
2
RS = 50 Ω,
Output voltage
step = 1 V
2
4.5
12
4.5
10
ns
tr
Rise time
2
Output voltage
step = 1 V
3
2.5
2.5
ns
Isink(max)
Maximum output
sink current
Any
2.5
3.6
2.5
3.6
mA
ICC
Supply current
No load,
No signal
Any
16
24
16
24
mA
† The gain option is selected as follows:
Gain Option 1: Gain-adjust pin 1A is connected to pin 1B, and pins 2A and 2B are open.
Gain Option 2: Gain-adjust pin 1A and pin 1B are open, pin 2A is connected to pin 2B.
Gain Option 3: All four gain-adjust pins are open.


Numéro de pièce similaire - UA733MJ

FabricantNo de pièceFiches techniqueDescription
logo
Rochester Electronics
UA733MJ ROCHESTER-UA733MJ Datasheet
628Kb / 1P
   TWO-STAGE VIDEO AMPLIFIER reintroducing the UA733M version 14 pin DIP
logo
Texas Instruments
UA733MJ TI1-UA733MJ Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733MJB TI1-UA733MJB Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
More results

Description similaire - UA733MJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
   DIFFERENTIAL AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com