Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3904 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 2N3904
Description  NPN switching transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3904 Fiches technique(HTML) 2 Page - NXP Semiconductors

  2N3904_04 Datasheet HTML 1Page - NXP Semiconductors 2N3904_04 Datasheet HTML 2Page - NXP Semiconductors 2N3904_04 Datasheet HTML 3Page - NXP Semiconductors 2N3904_04 Datasheet HTML 4Page - NXP Semiconductors 2N3904_04 Datasheet HTML 5Page - NXP Semiconductors 2N3904_04 Datasheet HTML 6Page - NXP Semiconductors 2N3904_04 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Oct 11
2
Philips Semiconductors
Product specification
NPN switching transistor
2N3904
FEATURES
• Low current (max. 200 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• High-speed switching.
DESCRIPTION
NPN switching transistor in a TO-92; SOT54 plastic
package. PNP complement: 2N3906.
PINNING
PIN
DESCRIPTION
1
collector
2
base
3
emitter
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM279
1
2
3
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
2N3904
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
60
V
VCEO
collector-emitter voltage
open base
40
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
200
mA
ICM
peak collector current
300
mA
IBM
peak base current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
ambient temperature
−65
+150
°C


Numéro de pièce similaire - 2N3904_04

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904_02 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Micro Commercial Compon...
2N3904 MCC-2N3904_08 Datasheet
98Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
2N3904 UTC-2N3904_09 Datasheet
140Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Description similaire - 2N3904_04

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com